Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1112 Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS1112
Description  16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1112 Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS1112 Datasheet HTML 1Page - ams-OSRAM AG AS1112 Datasheet HTML 2Page - ams-OSRAM AG AS1112 Datasheet HTML 3Page - ams-OSRAM AG AS1112 Datasheet HTML 4Page - ams-OSRAM AG AS1112 Datasheet HTML 5Page - ams-OSRAM AG AS1112 Datasheet HTML 6Page - ams-OSRAM AG AS1112 Datasheet HTML 7Page - ams-OSRAM AG AS1112 Datasheet HTML 8Page - ams-OSRAM AG AS1112 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
A S 111 2
1 6 - C h a n n e l L E D D r i v e r w i t h D o t C o r r e c t i o n a n d G r e y s c a l e P W M
www.austriamicrosystems.com/LED-Driver-ICs/AS1112
Revision 1.13
1 - 19
D a ta s h e e t
1 General Description
The AS1112 is a 16-channel, constant current-sink LED driver. Each
of the 16 channels can be individually adjusted by 4096-step
greyscale PWM brightness control and 64-step constant-current sink
(dot correction).
The dot correction circuitry adjusts the brightness variations between
the AS1112 channels and other LED drivers. Greyscale control and
dot correction circuitry are accessible via the SPI-compatible serial
interface. A single external resistor sets the maximum current value
of all 16 channels.
The open & short LED detection function indicates a broken, shorted
or disconnected LED at one or more of the outputs. The overtemper-
ature flag indicates that the device is in an overtemperature condi-
tion.
An additional power-down pin puts the AS1112 into a 40nA standby-
mode.
The AS1112 is available in a 32-pin TQFN 5x5 mm package.
Figure 1. AS1112 - Block Diagram
2 Key Features
16 Channels
Greyscale PWM Control: 12-Bit (4096 Steps)
Dot Correction: 6-Bit (64 Steps)
Drive Capability (Constant-Current Sink): 0 to 100mA
LED Power Supply Voltage: Up to 15V
Supply Voltage Range: 3.0 to 5.5 V
SPI-Compatible Serial Interface
Controlled In-Rush Current
Data Transfer & PWM Clock Rate: up to 30 MHz
CMOS Level I/O
Diagnostic Features
- LED Open/Short Detection
- Overtemperature Flag
32-pin TQFN 5x5 mm Package
3 Applications
The device is ideal for mono-, multi-, and full-color LED displays,
LED signboards, and display backlights.
Table 1. Standard Products
Model
Power-Down
TEST pin
Output Delay
AS1112
Yes
Connect to GND
Yes
AS1112B
No
Connect to VCC
Yes
AS1112C
No
Connect to VCC
No
AS1112
Max OUTn
Current
27
VCC
Status
Open LED Detect,
Overtemperature
Flag, Dot
Correction Data
Thermal
Flag
22
XERR
Open
LED
Detect
26
IREF
24
GSCLK
31
OEN
30
GND
23
SDO
.
.
.
Control
12-Bit Greyscale
PWM Control
Constant Current
Driver
Delay*
x15
21
OUT15
6-Bit Dot
Correction
Dot Correction
90
Register 95
Greyscale
180 Register191
Control
12-Bit Greyscale
PWM Control
Constant Current
Driver
Delay*
x0
Open&Short LED Detection
4
OUT0
6-Bit Dot
Correction
Dot Correction
0
Register
5
Greyscale
0
Register 11
Control
12-Bit Greyscale
PWM Control
Constant Current
Driver
Delay*
x1
5
OUT1
6-Bit Dot
Correction
Dot Correction
6
Register
11
Greyscale
12 Register 23
.
.
.
32 LD
Input
Shift
Register
Input
Shift
Register
2 SDI
1 CLK
Greyscale
Counter
Control
VREF =
1.24V
29 PD
3
MODE
Open&Short LED Detection
Open&Short LED Detection
* not for AS1112C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com