Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1112 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS1112
Description  16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1112 Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS1112 Datasheet HTML 1Page - ams-OSRAM AG AS1112 Datasheet HTML 2Page - ams-OSRAM AG AS1112 Datasheet HTML 3Page - ams-OSRAM AG AS1112 Datasheet HTML 4Page - ams-OSRAM AG AS1112 Datasheet HTML 5Page - ams-OSRAM AG AS1112 Datasheet HTML 6Page - ams-OSRAM AG AS1112 Datasheet HTML 7Page - ams-OSRAM AG AS1112 Datasheet HTML 8Page - ams-OSRAM AG AS1112 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1112
Revision 1.13
2 - 19
AS1112
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 2. Pin Descriptions
Pin Number
Pin Name
Description
1
CLK
Serial Data Shift Clock
2
SDI
Serial Data Input
3
MODE
Mode Select input with internal pulldown
MODE = GND: Selects greyscale mode (see Setting Greyscale Brightness on page 12).
MODE = VCC: Selects dot correction mode (see Setting Dot Correction on page 11).
4:11
OUT0:OUT7
Constant-Current Outputs 0:7
14:21
OUT8:OUT15
Constant-Current Outputs 8:15
22
XERR
Error Output
0 = LED open detection or overtemperature condition is detected.
1 = Normal operation.
23
SDO
Serial Data Output
24
GSCLK
Greyscale Clock. Reference clock for greyscale PWM control
25
TEST
Test Pin. This pin must be connected to GND (AS1112) to ensure normal operation.
XTEST
Test Pin. This pin must be connected to VCC (AS1112B, AS1112C) to ensure normal operation.
26
IREF
Reference Current Terminal
27
VCC
Power Supply Voltage
12,13,28
N/C
This pin must not be connected.
29
PD
Power Down input with internal pulldown (AS1112)
0 = normal operation mode
1 = powerdown mode
N/C
Not Connected (AS1112B, AS1112C)
30
GND
Ground
31
OEN
Blank Outputs
0 = OUTn outputs are controlled by the greyscale PWM control.
1 = OUTn outputs are forced off; the greyscale counter is reset.
32
LD
Data Latch. The internal connections are switched by pin MODE.
For LD (MODE = GND), the greyscale register receives new data.
For LD (MODE = VCC), the dot correction register receives new data.
33
Thermal Pad
Thermal Pad. This pin must be connected to GND to ensure normal operation.
Thermal
Pad
24 GSCLK
23 SDO
22 XERR
21 OUT15
20 OUT14
19 OUT13
18 OUT12
17 OUT11
8
OUT4
7
OUT3
6
OUT2
5
OUT1
4
OUT0
3
MODE
2
SDI
1
CLK
AS1112
Thermal
Pad
24 GSCLK
23 SDO
22 XERR
21 OUT15
20 OUT14
19 OUT13
18 OUT12
17 OUT11
8
OUT4
7
OUT3
6
OUT2
5
OUT1
4
OUT0
3
MODE
2
SDI
1
CLK
AS1112B/C
33
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com