Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1112 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS1112
Description  16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1112 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS1112 Datasheet HTML 11Page - ams-OSRAM AG AS1112 Datasheet HTML 12Page - ams-OSRAM AG AS1112 Datasheet HTML 13Page - ams-OSRAM AG AS1112 Datasheet HTML 14Page - ams-OSRAM AG AS1112 Datasheet HTML 15Page - ams-OSRAM AG AS1112 Datasheet HTML 16Page - ams-OSRAM AG AS1112 Datasheet HTML 17Page - ams-OSRAM AG AS1112 Datasheet HTML 18Page - ams-OSRAM AG AS1112 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1112
Revision 1.13
13 - 19
AS1112
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 14. Greyscale Data Input Timing Diagram
Status Information Data (SID)
The AS1112 contains an integrated status information register, which can be accessed in greyscale mode (MODE = GND). Once the LD signal
latches the data into the greyscale register, the input shift register data is replaced with status information data (see Figure 15).
Open, shorted LED, temperature warning and overtemperature flags as well as the dot-correction registers can be read out at pin SDO. The sta-
tus information data packet is 192 bits wide. Bits 191:176 and 31:16 contain the open LED detection status of each channel (either 191:176 or
31:16 can be used for readout). Bit 175 contains the thermal error flag status. Bit 174 contains the temperature warning flag. Bits 167:72 contain
the data of the dot-correction register. Bit 15:0 contains the LED shorted flags. The remaining bits are reserved. The complete status information
data packet is shown in Figure 15.
Figure 15. Status Information Data Packet Format
Greyscale PWM Operation
The falling edge of the OEN signal initiates a greyscale PWM cycle. The first GSCLK pulse after the falling edge of OEN increments the
greyscale counter by one and switches on any OUTn whose greyscale value does not equal zero. Each subsequent rising edge of GSCLK incre-
ments the greyscale counter by one.
The AS1112 compares the greyscale value of each OUTn channel with the greyscale counter value. All OUTn whose greyscale values equal the
counter values are switched off. A OEN = 1 signal after 4096 GSCLK pulses resets the greyscale counter to zero and completes a greyscale
PWM cycle (see Figure 16).
DCn-1
MSB
DCn-1
MSB-1
x
x
SIDn
MSB
SIDn
MSB-1
SIDn
MSB-2
SIDn
LSB
GSn
LSB
GSn
MSB
DCn-1
LSB
GSn+1
MSB
GSn+1
LSB
MODE
LD
SDI
CLK
SDO
1st Greyscale Mode
Data Input Cycle After Dot Correction Input
Following Greyscale Mode
Data Input Cycle
Dot Correction Mode
Data Input Cycle
tSU3
tH2
tWH2
tSU1
tSU2
tH3
96
1
192
1
192
x
SIDn
MSB
tH0
tPD0
LSD
X
DC0.
DC15.
X
TWF
TEF
LOD0
LOD15
LSB
DC Values
...
...
...
Open LED
Detect Data
Overtemperature
Flag
MSB
191
176
175
168
167
72
71
0:15
Bit #
Description
Bit #
Description
0:15
LED Short Detection, LSD
168:173
Undefined
16:31
LED Open Detection (Optional, same as bits 176:191), LOD
174
Temperature Warning Flag (TWF, 125ºC, typ)
32:71
Undefined
175
Temperature Error Flag (TEF, 150ºC, typ)
72:167
Dot Correction Readback (16 x 6 Bit)
176:191
LED Open Detection, LOD
16:31
LOD
174
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com