Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1112 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS1112
Description  16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1112 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS1112 Datasheet HTML 10Page - ams-OSRAM AG AS1112 Datasheet HTML 11Page - ams-OSRAM AG AS1112 Datasheet HTML 12Page - ams-OSRAM AG AS1112 Datasheet HTML 13Page - ams-OSRAM AG AS1112 Datasheet HTML 14Page - ams-OSRAM AG AS1112 Datasheet HTML 15Page - ams-OSRAM AG AS1112 Datasheet HTML 16Page - ams-OSRAM AG AS1112 Datasheet HTML 17Page - ams-OSRAM AG AS1112 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1112
Revision 1.13
12 - 19
AS1112
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 12. Dot Correction Data Input Timing Diagram
Setting Greyscale Brightness
The brightness of each channel output can be adjusted using a 12 bits-per-channel PWM control scheme which results in 4096 brightness steps,
from 0% to 100% brightness. The brightness level for each output is calculated as:
Where:
GSn is the programmed greyscale value for OUTn (GSn = 0 to 4095);
n = 0 to 15 greyscale data for all outputs.
The device powers up with the following default seetings: GS = 4095 and DC = 63.
The input shift register shifts greyscale data into the greyscale register for all channels simultaneously. The complete greyscale data format con-
sists of 16 x 12 bit words, which forms a 192-bit wide data packet (see Figure 13).
Note:
The data packet must be clocked in with the MSB first.
Figure 13. Greyscale Data Packet Format
When pin MODE is tied to GND, the AS1112 enters greyscale data input mode. The device switches the input shift register to 192-bit width. After
all data is clocked in, the rising edge of the LD signal latches the data into the greyscale register (see Figure 14).
All greyscale data in the input shift register is replaced with status information data (SID) after latching into the greyscale register.
DCn
MSB-2
DCn
MSB-1
DCn
LSB+1
DCn
MSB
DCn-1
LSB
DCn
LSB
DCn+1
MSB
DCn+1
MSB-1
DCn-1
MSB-1
DCn-1
MSB-2
DCn-1
LSB+1
DCn-1
LSB
DCn
MSB
DCn
MSB-1
DCn
MSB-2
DCn-1
MSB
MODE
SDI
CLK
SDO
LD
VCC
Dot Correction Mode
Data Input Cycle n
Dot Correction Mode
Data Input Cycle n +1
tH1
tWH2
tSU1
1
2
tWH0
tWL0
1
2
1
95
96
GND
tSU0
%Brightness =
GSn
4095
(EQ 4)
x 100
GS15.11
MSB
191
GS0.0
GS0.11
GS1.0
GS14.11
GS15.0
LSB
GS OUT0
GS OUT14:GS OUT1
...
...
...
GS OUT15
180
179
12
11
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com