Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP464 Datasheet (PDF) - Texas Instruments

TMP464 Datasheet PDF - Texas Instruments
Part # TMP464
Download  TMP464 Download
File Size   1053.84 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor

TMP464 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP464 Datasheet PDF - Texas Instruments

Part # TMP464
Download  TMP464 Click to download

File Size   1053.84 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor

TMP464 Datasheet (HTML) - Texas Instruments


TMP464 Product details

1 Features
1• 4-Channel Remote Diode Temperature Sensor
• Local and Remote Accuracy: ±0.75°C (Maximum)
• Temperature Resolution: 0.0625°C
• Supply and Logic Voltage Range: 1.7 V to 3.6 V
• 43-μA Operating Current (1 SPS, All Channels
Active)
• 0.3-μA Shutdown Current
• Remote Diode: Series Resistance Cancellation,
η-Factor Correction, Offset Correction, and Diode
Fault Detection
• Register Lock Function Secures Key Registers
• I2C or SMBus™ Compatible Two-Wire Interface
With Pin-Programmable Address
• 16-pin VQFN Package

2 Applications
• MCU, GPU, ASIC, FPGA, DSP, and CPU
Temperature Monitoring
• Telecommunication Equipment
• Servers and Personal Computers
• Cloud Ethernet Switches
• Secure Data Centers
• Highly Integrated Medical Systems
• Precision Instruments and Test Equipment
• LED Lighting Thermal Control

3 Description
The TMP464 device is a high-accuracy, low-power
temperature sensor using a two-wire, SMBus or I2C
compatible interface. Up to four remote diodeconnected
temperature zones can be monitored
simultaneously in addition to the local temperature.
Aggregating the temperature measurements across a
system allows improved performance through tighter
guard bands and can reduce board complexity. A
typical use case is for monitoring the temperature
across different processors, such as MCUs, GPUs,
and FPGAs in complex systems such as servers and
telecommunications equipment. Advanced features
such as series resistance cancellation, programmable
non-ideality factor, programmable offset, and
programmable temperature limits are included to
provide a robust thermal monitoring solution with
improved accuracy and noise immunity.
Each of the four remote channels (and the local
channel) can be programmed independently with two
thresholds that are triggered when the corresponding
temperature is exceeded at the measured location. In
addition, there is a programmable hysteresis setting
to avoid constant toggling around the threshold.
The TMP464 device provides high accuracy (0.75°C)
and high resolution (0.0625°C) measurement
capabilities. The device supports low voltage rails
(1.7 V to 3.6 V), common two-wire interfaces, and is
available in a small, space efficient package (3 mm ×
3 mm) for easy integration into computing systems.
The remote junction supports a temperature range
from –55°C to +150°C. The TMP464 has a
preprogrammed temperature limit of 125°C.




Similar Part No. - TMP464

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP464 TI1-TMP464 Datasheet
1Mb / 43P
High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
TMP464 TI2-TMP464 Datasheet
1Mb / 42P
TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
REVISED OCTOBER 2019
TMP464AIRGTR TI1-TMP464AIRGTR Datasheet
1Mb / 43P
High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
TMP464AIRGTR TI2-TMP464AIRGTR Datasheet
1Mb / 42P
TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
REVISED OCTOBER 2019
TMP464AIRGTR.A TI2-TMP464AIRGTR.A Datasheet
1Mb / 42P
TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
REVISED OCTOBER 2019
More results


Similar Description - TMP464

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP461 TI1-TMP461_16 Datasheet
1Mb / 35P
High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP468 TI1-TMP468_17 Datasheet
905Kb / 43P
9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP464 TI1-TMP464 Datasheet
1Mb / 43P
High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP9R00-SP TI-TMP9R00-SP Datasheet
1Mb / 38P
TMP9R00-SP 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
DECEMBER 2021
TMP4718 TI-TMP4718 Datasheet
1Mb / 50P
TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com