Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA5052 Datasheet (PDF) - Texas Instruments

TPA5052 Datasheet PDF - Texas Instruments
Part # TPA5052
Download  TPA5052 Download
File Size   1015.5 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description STEREO DIGITAL AUDIO LIP-SYNC DELAY

TPA5052 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPA5052 Datasheet PDF - Texas Instruments

Part # TPA5052
Download  TPA5052 Click to download

File Size   1015.5 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description STEREO DIGITAL AUDIO LIP-SYNC DELAY

TPA5052 Datasheet (HTML) - Texas Instruments


TPA5052 Product details

FEATURES
· Digital Audio Format: 16-24-bit I2S
· Single Serial Input Port
· Delay Time: 170 ms/ch at fs = 48 kHz
· Delay Resolution: 256 samples
· Delay Memory Cleared on Power-Up or After
Delay Changes
– Eliminates Erroneous Data From Being
Output
· 3.3 V Operation With 5 V Tolerant I/O
· Supports Audio Bit Clock Rates of 32 to 64 fs
with fs = 32 kHz–192 kHz
· No External Crystal or Oscillator Required
– All Internal Clocks Generated From the
Audio Clock
· Surface Mount 4mm ´ 4mm, 16-pin QFN
Package

APPLICATIONS
· High Definition TV Lip-Sync Delay
· Flat Panel TV Lip-Sync Delay
· Home Theater Rear-Channel Effects
· Wireless Speaker Front-Channel
Synchronization
· Camcorders

DESCRIPTION
The TPA5052 accepts a single serial audio input, buffers the data for a selectable period of time, and
outputs the delayed audio data on a single serial
output. In systems with complex video processing
algorithms, one device allows delay of up to
170 ms/ch (fs = 48 kHz) to synchronize the audio
stream to the video stream. If more delay is needed,
the devices can be connected in series.




Similar Part No. - TPA5052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
STEREO DIGITAL AUDIO LIP-SYNC DELAY
TPA5052RSAR TI-TPA5052RSAR Datasheet
261Kb / 10P
STEREO DIGITAL AUDIO LIP-SYNC DELAY
TPA5052RSARG4 TI-TPA5052RSARG4 Datasheet
261Kb / 10P
STEREO DIGITAL AUDIO LIP-SYNC DELAY
TPA5052RSAT TI-TPA5052RSAT Datasheet
261Kb / 10P
STEREO DIGITAL AUDIO LIP-SYNC DELAY
TPA5052RSATG4 TI-TPA5052RSATG4 Datasheet
261Kb / 10P
STEREO DIGITAL AUDIO LIP-SYNC DELAY
More results


Similar Description - TPA5052

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU26901 NJRC-NJU26901 Datasheet
106Kb / 8P
Digital Audio Delay
logo
Texas Instruments
TPA5052 TI-TPA5052 Datasheet
261Kb / 10P
STEREO DIGITAL AUDIO LIP-SYNC DELAY
TPA5051 TI-TPA5051 Datasheet
511Kb / 19P
FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050 Datasheet
486Kb / 17P
STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Renesas Technology Corp
R2S15901SP RENESAS-R2S15901SP Datasheet
200Kb / 8P
Digital Delay IC for Lip Sync
logo
Texas Instruments
TPA5051 TI-TPA5051_07 Datasheet
794Kb / 21P
FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
logo
Sanyo Semicon Device
LC75051E SANYO-LC75051E Datasheet
82Kb / 9P
CMOS IC Lip-Sync Enabling Audio DSP
logo
Nippon Precision Circui...
SM5921A NPC-SM5921A Datasheet
152Kb / 27P
8-channel Lip Sync Delay
logo
Texas Instruments
TPA5050 TI-TPA5050_07 Datasheet
859Kb / 21P
STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
TPA5050 TI-TPA5050_08 Datasheet
888Kb / 21P
STEREO DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com