Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS22981RGPT Datasheet (PDF) - Texas Instruments

TPS22981RGPT Datasheet PDF - Texas Instruments
Part # TPS22981RGPT
Download  TPS22981RGPT Download
File Size   1012.76 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux

TPS22981RGPT Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS22981RGPT Datasheet PDF - Texas Instruments

Part # TPS22981RGPT
Download  TPS22981RGPT Click to download

File Size   1012.76 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux

TPS22981RGPT Datasheet (HTML) - Texas Instruments


TPS22981RGPT Product details

1 Features
1• Powered from 3.3 V
• 4.5-V to 19.8-V High-Voltage Switch
• 3-V to 3.6-V Switch
• Adjustable Current Limit
• Thermal Shutdown
• Make Before Break Switch
• High-Voltage Discharge Before Low-Voltage Make
• Reverse Current Blocking

2 Applications
• Notebook Computers
• Desktop Computers
• Power Management Systems

3 Description
The TPS22981 device is a current-limited power mux
providing a connection to a peripheral device from either a low-voltage supply (3 V to 3.6 V) or a high-
voltage supply (4.5 V to 19.8 V). The desired output
is selected by digital control signals.
The high-voltage (VHV) and low-voltage (V3P3)
switch current limits are set with external resistance.
Once the current limit is reached, the TPS22981 will control the switch to maintain the current at this limit.
When the high-voltage supply is not present, the
TPS22981 will maintain the connection to the output from the low-voltage supply. Upon the presence of a
high-voltage line and high-voltage enable signal, the
high-voltage switch is turned on in conjunction with
the low-voltage switch until a reverse current is detected through the low-voltage switch, allowing a
seamless transition from low voltage to the high- voltage supply with minimal droop and shoot-through
current.
To prevent current backflow during a switch over from
a VHV connection to a V3P3 connection, the
TPS22981 will break the VHV connection, discharge
the output to approximately 3.3 V and then make the
V3P3 connection. The output may transition to 0 V
when a load is present, before returning to 3.3 V.
The TPS22981 is available in a 4 mm × 4 mm × 1
mm VQFN package.




Similar Part No. - TPS22981RGPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22981RGPT TI1-TPS22981RGPT Datasheet
1Mb / 27P
Thunderbolt Power Mux
TPS22981RGPT TI2-TPS22981RGPT Datasheet
1Mb / 28P
TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
REVISED NOVEMBER 2015
TPS22981RGPT.A TI2-TPS22981RGPT.A Datasheet
1Mb / 28P
TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
REVISED NOVEMBER 2015
TPS22981RGPT.B TI2-TPS22981RGPT.B Datasheet
1Mb / 28P
TPS22981 3.3-V to 18-V Thunderbolt™ Power Mux
REVISED NOVEMBER 2015
More results


Similar Description - TPS22981RGPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22981 TI-TPS22981 Datasheet
432Kb / 19P
3.3V to 18V Thunderbolt Power Mux
logo
Analog Devices
ADG3257 AD-ADG3257_15 Datasheet
420Kb / 12P
High Speed, 3.3 V/5 V Quad 2 1 Mux/Demux
Rev. E
logo
ON Semiconductor
NB3L8543S ONSEMI-NB3L8543S Datasheet
234Kb / 12P
2.5 V/3.3 V Differential 2:1 MUX to 4 LVDS Clock Fanout Buffer Outputs
October, 2014 ??Rev. 1
NB3L83948C ONSEMI-NB3L83948C Datasheet
87Kb / 7P
2.5 V / 3.3 V Differential and LVTTL/LVCMOS 2:1 MUX
November, 2014 ??Rev. 2
logo
Texas Instruments
TPS22981 TI1-TPS22981 Datasheet
1Mb / 27P
Thunderbolt Power Mux
logo
ON Semiconductor
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
-3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
NL3HS3124A ONSEMI-NL3HS3124A Datasheet
120Kb / 7P
3.3 V, 2 Channel, 2:1 Differential Mux/Demux
December, 2016 ??Rev. 1
logo
Texas Instruments
TPS2120 TI1-TPS2120 Datasheet
1Mb / 29P
2.8 V to 22 V Priority Power MUX with Seamless Switchover
TPS2120 TI1-TPS2120_18 Datasheet
2Mb / 40P
2.8-V to 22-V Priority Power MUX with Seamless Switchover
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com