Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2829 Datasheet (PDF) - Texas Instruments

TPS2829 Datasheet PDF - Texas Instruments
Part # TPS2829
Download  TPS2829 Download
File Size   1068.5 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Channel High-Speed MOSFET Drivers

TPS2829 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS2829 Datasheet PDF - Texas Instruments

Part # TPS2829
Download  TPS2829 Click to download

File Size   1068.5 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Single-Channel High-Speed MOSFET Drivers

TPS2829 Datasheet (HTML) - Texas Instruments


TPS2829 Product details

1FEATURES
• Qualified for Automotive Applications
• Customer-Specific Configuration Control Can
Be Supported Along With Major-Change
Approval
• Low-Cost Single-Channel High-Speed MOSFET
Driver
• 15-mA Max ICC (TPS2828, TPS2829)
• 25-ns Max Rise/Fall Times and 40-ns Max
Propagation Delay. . . 1-nF Load
• 2-A Peak Output Current
• 4-V to 14-V Driver Supply-Voltage Range,
Internal Regulator Extends Range to 40 V
(TPS2816, TPS2817, TPS2818, TPS2819)
• 5-pin SOT-23 Package
• –40°C to 125°C Ambient-Temperature
Operating Range
• Highly Resistant to Latch-Ups

DESCRIPTION
The TPS28xx single-channel high-speed MOSFET drivers are capable of delivering peak currents of up to 2 A
into highly capacitive loads. High switching speeds (tr and tf = 14 ns typ) are obtained with the use of BiCMOS
outputs. Typical threshold switching voltages are two-thirds and one-third of VCC. The design inherently
minimizes shoot-through current.
A regulator is provided on TPS2816 through TPS2819 devices to allow operation with supply inputs between 14V
and 40V. The regulator output can be used to power other circuits, provided power dissipation does not exceed
package limitations. If the regulator is not required, VDD (the regulator input) should be connected to VCC. The
TPS2816 and TPS2817 input circuits include an active pullup circuit to eliminate the need for an external resistor
when using open-collector PWM controllers. The TPS2818 and TPS2819 are identical to the TPS2816 and
TPS2817, except that the active pullup circuit is omitted. The TPS2828 and TPS2829 are identical to the
TPS2818 and TPS2819, except that the internal voltage regulator is omitted, allowing quiescent current to drop
to less than 15 μA when the inputs are high or low.
The TPS28xx series devices are available in 5-pin SOT-23 (DBV) packages and operate over an ambient
temperature range of –40°C to 125°C.




Similar Part No. - TPS2829

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2829 TI-TPS2829 Datasheet
371Kb / 20P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2829 TI2-TPS2829 Datasheet
461Kb / 23P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
REVISED OCTOBER 2002
TPS2829-EP TI-TPS2829-EP Datasheet
576Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2829-EP TI-TPS2829-EP Datasheet
595Kb / 24P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
TPS2829-EP TI1-TPS2829-EP Datasheet
456Kb / 25P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
More results


Similar Description - TPS2829

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
High Speed Single/Dual MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4420 MAXIM-MAX4420 Datasheet
236Kb / 6P
High-Speed, 6A Single MOSFET Drivers
Rev 0; 11/92
logo
Texas Instruments
TPS2816-Q1 TI-TPS2816-Q1 Datasheet
394Kb / 21P
SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
logo
Elantec Semiconductor
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
High Speed, Single Channel, Power MOSFET Drivers
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
High Speed, Dual Channel Power MOSFET Drivers
October 17, 2008
logo
Linear Technology
LTC1693-2IS8 LINER-LTC1693-2IS8 Datasheet
247Kb / 20P
High Speed Single/Dual N-Channel MOSFET Drivers
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
High Speed MOSFET Drivers
logo
Linear Technology
LTC1693 LINER-LTC1693_15 Datasheet
269Kb / 20P
High Speed Single/Dual N-Channel MOSFET Drivers
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Texas Instruments
TPS2816-Q1 TI1-TPS2816-Q1_15 Datasheet
830Kb / 24P
Single-Channel High-Speed MOSFET Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com