Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2829 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2829
Description  Single-Channel High-Speed MOSFET Drivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2829 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2829 Datasheet HTML 4Page - Texas Instruments TPS2829 Datasheet HTML 5Page - Texas Instruments TPS2829 Datasheet HTML 6Page - Texas Instruments TPS2829 Datasheet HTML 7Page - Texas Instruments TPS2829 Datasheet HTML 8Page - Texas Instruments TPS2829 Datasheet HTML 9Page - Texas Instruments TPS2829 Datasheet HTML 10Page - Texas Instruments TPS2829 Datasheet HTML 11Page - Texas Instruments TPS2829 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
15
10
5
0
4
6
8
1 0
20
25
30
12
14
FALL TIME
vs
SUPPLY VOLTAGE
V
- Supply Voltage - V
CC
TA = 25°C
CL = 2200 pF
CL = 1000 pF
CL = 0
20
10
5
0
4
6
8
1 0
25
30
35
12
14
RISE TIME
vs
SUPPLY VOLTAGE
VCC- Supply Voltage - V
15
TA = 25°C
CL = 2200 pF
CL = 1000 pF
CL = 0
TPS2816-Q1 , TPS2817-Q1, TPS2818-Q1
TPS2819-Q1, TPS2828-Q1, TPS2829-Q1
SPRS289B
– AUGUST 2005 – REVISED SEPTEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Rise time
vs Supply voltage
Figure 4
Fall time
vs Supply voltage
Figure 5
Propagation time (L
→ H)
vs Supply voltage
Figure 6
Propagation time (H
→ L)
vs Supply voltage
Figure 7
Rise time
vs Ambient temperature
Figure 8
Fall time
vs Ambient temperature
Figure 9
Propagation time (L
→ H)
vs Supply voltage
Figure 10
Propagation time (H
→ L)
vs Ambient temperature
Figure 11
Supply current (VCC)
vs Supply voltage
Figure 12
Supply current (VCC)
vs Load capacitance
Figure 13
Supply current (VCC)
vs Ambient temperature
Figure 14
Input threshold voltage
vs Supply voltage
Figure 15
Regulator output voltage
vs Regulator supply voltage
Figure 16
Regulator quiescent current
vs Regulator supply voltage
Figure 17
Shoot-through current
vs Input voltage (L
→ H)
Figure 18
Shoot-through current
vs Input voltage (H
→ L)
Figure 19
Figure 4.
Figure 5.
8
Submit Documentation Feedback
Copyright
© 2005–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2816-Q1 TPS2817-Q1 TPS2818-Q1 TPS2819-Q1 TPS2828-Q1 TPS2829-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com