Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS735 Datasheet (PDF) - Texas Instruments

TPS735 Datasheet PDF - Texas Instruments
Part # TPS735
Download  TPS735 Download
File Size   1077.5 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS735-Q1 500-mA, low quiescent current, low-noise, high PSRR, low-dropout linear regulator

TPS735 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS735 Datasheet PDF - Texas Instruments

Part # TPS735
Download  TPS735 Click to download

File Size   1077.5 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS735-Q1 500-mA, low quiescent current, low-noise, high PSRR, low-dropout linear regulator

TPS735 Datasheet (HTML) - Texas Instruments


TPS735 Product details

1 Features
1• Qualified for automotive applications
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Input voltage: 2.7 V to 6.5 V
• 500-mA low-dropout regulator with EN
• Low IQ: 46 μA
• Multiple output voltage versions available:
– Fixed outputs of 1 V to 4.3 V
– Adjustable outputs from 1.25 V to 6 V
• High PSRR: 68 dB at 1 kHz
• Low noise: 13.2 μVRMS
• Fast startup time: 45 μs
• Stable with a low-ESR, 2-μF output capacitor
• Excellent load and line transient response
• 2% overall accuracy
(load, line, temperature, VOUT > 2.2 V)
• Low dropout: 280 mV at 500 mA
• 3-mm × 3-mm VSON-8 packages

2 Applications
• Automotive infotainment
• Navigation systems
• WiFi, WiMax modules
• Telematics systems
• Microprocessor power

3 Description
The TPS735-Q1 family of low-dropout (LDO), lowpower
linear regulators offers excellent ac
performance with very low ground current. High
power-supply rejection ratio (PSRR), low noise, fast
start-up, and excellent line and load transient
responses are provided while consuming a very low
46 μA (typical) ground current.
The TPS735-Q1 family of devices is stable with
ceramic capacitors and uses an advanced BiCMOS
fabrication process to yield a typical dropout voltage
of 280 mV at 500-mA output. The TPS735-Q1 family
of devices uses a precision voltage reference and
feedback loop to achieve overall accuracy of 2%
(VOUT > 2.2 V) over all load, line, process, and
temperature variations. This family of devices is fully
specified from TA = –40°C to 125°C and is offered in
a low-profile, 3-mm × 3-mm VSON package.




Similar Part No. - TPS735

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS735 TI-TPS735 Datasheet
586Kb / 16P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI-TPS735 Datasheet
1Mb / 26P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI2-TPS735 Datasheet
1Mb / 39P
TPS735 500-mA, Low Quiescent Current, Low Noise, High PSRR, Low-Dropout Linear Regulator
REVISED JUNE 2018
TPS735-Q1 TI-TPS735-Q1 Datasheet
878Kb / 26P
TPS735-Q1 500-mA, Low Quiescent Current, Low-Noise, High PSRR,Low-Dropout Linear Regulator
TPS735-Q1 TI2-TPS735-Q1 Datasheet
1Mb / 39P
TPS735 500-mA, Low Quiescent Current, Low Noise, High PSRR, Low-Dropout Linear Regulator
REVISED JUNE 2018
More results


Similar Description - TPS735

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735 TI-TPS735_15 Datasheet
1Mb / 33P
TPS735 500-mA, Low Quiescent Current, Ultra-Low Noise, High PSRR,Low-Dropout Linear Regulator
TPS735-Q1 TI-TPS735-Q1_15 Datasheet
878Kb / 26P
TPS735-Q1 500-mA, Low Quiescent Current, Low-Noise, High PSRR,Low-Dropout Linear Regulator
TPS799 TI1-TPS799_16 Datasheet
1Mb / 41P
200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com