Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS735 Datasheet (PDF) - Texas Instruments

TPS735 Datasheet PDF - Texas Instruments
Part # TPS735
Download  TPS735 Download
File Size   1850.13 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS735 500-mA, Low Quiescent Current, Low Noise, High PSRR, Low-Dropout Linear Regulator

TPS735 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS735 Datasheet PDF - Texas Instruments

Part # TPS735
Download  TPS735 Click to download

File Size   1850.13 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS735 500-mA, Low Quiescent Current, Low Noise, High PSRR, Low-Dropout Linear Regulator

TPS735 Datasheet (HTML) - Texas Instruments


TPS735 Product details

1 Features
1• Input Voltage: 2.7 V to 6.5 V
• 500-mA Low-Dropout Regulator With EN
• Low IQ: 45 μA
• Multiple Output Voltage Versions Available:
– Fixed Outputs of 1.2 V to 4.3 V
– Adjustable Outputs from 1.25 V to 6 V
• High PSRR: 68 dB at 1 kHz
• Low Noise: 13.2 μVRMS
• Fast Start-Up Time: 45 μs
• Stable With a Ceramic, 2.2-μF, Low-ESR Output
Capacitor
• Excellent Load and Line Transient Response
• 2% Overall Accuracy (Load, Line, and
Temperature, VOUT > 2.2 V)
• Very Low Dropout: 280 mV at 500 mA
• 2-mm × 2-mm WSON-6 and
3-mm × 3-mm SON-8 Packages

2 Applications
• Post DC-DC Converter Ripple Filtering
• IP Network Cameras
• Macro Base Stations
• Thermostats

3 Description
The TPS735 low-dropout (LDO), low-power linear
regulator offers excellent AC performance with very
low ground current. High power-supply rejection ratio
(PSRR), low noise, fast start-up, and excellent line
and load transient responses are provided while
consuming a very low 45-μA (typical) ground current.
The TPS735 device is stable with ceramic capacitors
and uses an advanced BiCMOS fabrication process
to yield a typical dropout voltage of 280 mV at 500-
mA output. The TPS735 device uses a precision
voltage reference and feedback loop to achieve
overall accuracy of 2% (VOUT > 2.2 V) over all load,
line, process, and temperature variations. This device
is fully specified from TJ = –40°C to +125°C and is
offered in a low-profile, 3 mm × 3 mm SON-8
package and a 2 mm × 2 mm WSON-6 package.




Similar Part No. - TPS735

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS735 TI-TPS735 Datasheet
586Kb / 16P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI-TPS735 Datasheet
1Mb / 26P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735 TI2-TPS735 Datasheet
1Mb / 31P
TPS735-Q1 500-mA, low quiescent current, low-noise, high PSRR, low-dropout linear regulator
REVISED FEBRUARY 2019
TPS735-Q1 TI-TPS735-Q1 Datasheet
878Kb / 26P
TPS735-Q1 500-mA, Low Quiescent Current, Low-Noise, High PSRR,Low-Dropout Linear Regulator
TPS735-Q1 TI2-TPS735-Q1 Datasheet
1Mb / 31P
TPS735-Q1 500-mA, low quiescent current, low-noise, high PSRR, low-dropout linear regulator
REVISED FEBRUARY 2019
More results


Similar Description - TPS735

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS735XX_0810 TI-TPS735XX_0810 Datasheet
807Kb / 18P
500mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS734XX TI-TPS734XX Datasheet
864Kb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS734XX TI-TPS734XX_15 Datasheet
1,009Kb / 20P
250mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low-Dropout Linear Regulator
TPS735 TI-TPS735_15 Datasheet
1Mb / 33P
TPS735 500-mA, Low Quiescent Current, Ultra-Low Noise, High PSRR,Low-Dropout Linear Regulator
TPS735-Q1 TI-TPS735-Q1_15 Datasheet
878Kb / 26P
TPS735-Q1 500-mA, Low Quiescent Current, Low-Noise, High PSRR,Low-Dropout Linear Regulator
TPS799 TI1-TPS799_16 Datasheet
1Mb / 41P
200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP Datasheet
1Mb / 27P
200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
TPS79901-EP TI1-TPS79901-EP_18 Datasheet
1Mb / 29P
200-mA, Low-Quiescent Current, Ultra-Low-Noise, High-PSRR Low-Dropout Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com