Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3970 Datasheet (PDF) - Adafruit Industries

3970 Datasheet PDF - Adafruit Industries
Part # 3970
Download  3970 Download
File Size   212.54 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB Micro B F emale Socket to 5 pin Terminal Block

3970 Datasheet (PDF)

Go To PDF Page Download Datasheet
3970 Datasheet PDF - Adafruit Industries

Part # 3970
Download  3970 Click to download

File Size   212.54 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB Micro B F emale Socket to 5 pin Terminal Block

3970 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 3970

ManufacturerPart #DatasheetDescription
logo
Agere Systems
3970 AGERE-3970 Datasheet
121Kb / 6P
3970-Type 1550 nm Transmitter
October 2001
logo
Molex Electronics Ltd.
39700 MOLEX-39700 Datasheet
40Kb / 1P
Eurostyle™ Terminal Blocks
07/06/2016
39700-0104 MOLEX-39700-0104 Datasheet
40Kb / 1P
Eurostyle™ Terminal Blocks
07/06/2016
logo
Qualtek Electronics Cor...
397001-01 QUALTEK-397001-01 Datasheet
163Kb / 1P
POWER CORD
397002-01 QUALTEK-397002-01 Datasheet
167Kb / 1P
POWER CORD
More results


Similar Description - 3970

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U05206N TRIPPLITE-U05206N Datasheet
470Kb / 2P
Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB A to USB A M-F, 6-in
logo
Wurth Elektronik GmbH &...
629105136821 WURTH-629105136821 Datasheet
519Kb / 2P
MICRO USB 2.0 SMT TYPE B 5 CONTACTS
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B
logo
Tripp Lite. All Rights ...
U052-06N TRIPPLITE-U052-06N Datasheet
155Kb / 3P
Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB B to USB A M/F, 6-in.
U052-06N-RA TRIPPLITE-U052-06N-RA Datasheet
170Kb / 3P
Micro USB to USB OTG Host Adapter Cable, Right-Angle 5-Pin USB Micro-B to USB-A (M/F), 6 in.
U052-06N-WH TRIPPLITE-U052-06N-WH Datasheet
160Kb / 3P
Micro USB to USB OTG Host Adapter Cable, 5-Pin USB Micro-B to USB-A (M/F), White, 6 in.
logo
PHOENIX CONTACT
3214945 PHOENIX-3214945 Datasheet
125Kb / 11P
Test disconnect terminal block - RBO 5-T-F-B
logo
Kycon, Inc.
KMMVX KYCON-KMMVX Datasheet
527Kb / 1P
Vertical Mount Micro USB 2.0 Type B Socket
logo
PHOENIX CONTACT
3240165 PHOENIX-3240165 Datasheet
64Kb / 4P
Socket terminal block - JBC 2,5/5
3058156 PHOENIX-3058156 Datasheet
159Kb / 13P
Bolt connection terminal block - RSC 5-F
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com