Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3970 Datasheet (PDF) - Agere Systems

3970 Datasheet PDF - Agere Systems
Part # 3970
Download  3970 Download
File Size   121.82 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 3970-Type 1550 nm Transmitter

3970 Datasheet (PDF)

Go To PDF Page Download Datasheet
3970 Datasheet PDF - Agere Systems

Part # 3970
Download  3970 Click to download

File Size   121.82 Kbytes
Page   6 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 3970-Type 1550 nm Transmitter

3970 Datasheet (HTML) - Agere Systems


3970 Product details

Description
The 3970-type, externally modulated 1550 nm transmitter provides CATV systems integrators one of the fastest and easiest paths to customer value-added, high-performance solutions.
The 1550 nm transmitter engine incorporates a source laser optimized to improve transmitter and link performance with high specifications and better signal quality. This advantage drives superior control of RIN through fiber and management of dispersion, stimulated brillouin scattering, and self-phase modulation for better noise and distortion performance over long-distance applications.

Features
■ Extremely fast time to market and very low engineering investment
■ Superior CNR, CSO, and CTB performance on two
   high-power optical outputs
■ Mobile field-tuning application provides real-time
   performance optimization
■ High SBS suppression capabilities enhance architectural options and coverage
■ Multiple programmable tuning optimizations per
   transmitter facilitate inventory management and
   performance across architectures

Applications
■ High-performance supertrunking links
■ High-launch power distribution networks
■ Redundant analog ring architectures




Similar Part No. - 3970

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3970 ADAFRUIT-3970 Datasheet
212Kb / 1P
USB Micro B F emale Socket to 5 pin Terminal Block
logo
Molex Electronics Ltd.
39700 MOLEX-39700 Datasheet
40Kb / 1P
Eurostyle™ Terminal Blocks
07/06/2016
39700-0104 MOLEX-39700-0104 Datasheet
40Kb / 1P
Eurostyle™ Terminal Blocks
07/06/2016
logo
Qualtek Electronics Cor...
397001-01 QUALTEK-397001-01 Datasheet
163Kb / 1P
POWER CORD
397002-01 QUALTEK-397002-01 Datasheet
167Kb / 1P
POWER CORD
More results


Similar Description - 3970

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
DEMT2101 EMCORE-DEMT2101 Datasheet
309Kb / 5P
1550 nm Externally Modulated Transmitter
logo
Optoway Technology Inc
SPS-9350V-2TG OPTOWAY-SPS-9350V-2TG Datasheet
116Kb / 5P
1550 nm / 3 Gb/s Medium Power Dual Optical SM Transmitter
logo
Emcore Corporation
3998 EMCORE-3998 Datasheet
580Kb / 7P
1550 nm Externally Modulated Transmitter
6000-0D0111001 EMCORE-6000-0D0111001 Datasheet
595Kb / 7P
1550 nm Externally Modulated Transmitter
6000-0JD111001 EMCORE-6000-0JD111001 Datasheet
486Kb / 5P
J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
3998-0D01-11001 EMCORE-3998-0D01-11001 Datasheet
627Kb / 7P
3998 Series 1550 nm Externally-Modulated Transmitter
6000-0D01-11001 EMCORE-6000-0D01-11001_13 Datasheet
459Kb / 7P
Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
6000-0ID1-11001 EMCORE-6000-0ID1-11001_13 Datasheet
819Kb / 6P
I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
6000-0JD1-11001 EMCORE-6000-0JD1-11001_13 Datasheet
454Kb / 5P
J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
8000-U EMCORE-8000-U Datasheet
750Kb / 8P
Medallion 8000 Series 1550 nm Directly-Modulated Transmitter
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com