Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS4H Datasheet (PDF) - PANDUIT CORP.

GS4H Datasheet PDF - PANDUIT CORP.
Part # GS4H
Download  GS4H Download
File Size   576.02 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description High Temperature Polyetheretherketone (PEEK) Pan-Ty ® Cable Ties and Mounts

GS4H Datasheet (PDF)

Go To PDF Page Download Datasheet
GS4H Datasheet PDF - PANDUIT CORP.

Part # GS4H
Download  GS4H Click to download

File Size   576.02 Kbytes
Page   2 Pages
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.
Description High Temperature Polyetheretherketone (PEEK) Pan-Ty ® Cable Ties and Mounts

GS4H Datasheet (HTML) - PANDUIT CORP.


GS4H Product details

T e c h n i c a l I n f o r m a t i o n
UL 94V-0
35
1 x 109 Rads
-76° – 500°F (-60° – 260°C)
Yes
Yes
K e y F e a t u r e s B e n e f i t s
Operating temperature range up to 500°F (260°C); maintains good tensile
strength in high temperature environments
Withstands attack from most organic and inorganic chemicals; able to be
used in harsh chemical environments, providing a long-term bundling solution
Maintains mechanical properties when exposed to high levels of gamma
radiation; maintains tensile properties, providing longer useful life
Non-hygroscopic material provides excellent moisture resistance; won’t
absorb water in humid/steam environments; maintains dimensional stability
and tensile strength
Non-metallic material provides an alternative to conductive fasteners; safe
to use where a non-conductive material is specified and/or required
Provides maximum stability for the cable bundle
Easy to pick up from flat surfaces; allows faster threading
Keeps bundle close to mounting surface where overhead space is limited
Emits very low smoke and gas upon burn; does not easily ignite when
exposed to a flame source; safe material to use in enclosed spaces
Threads easily and installs quickly compared to lacing cord, which requires
time consuming, hand-tied knots that can lead to repetitive strain injuries
M o u n t
M a t e r i a l
C a b l e T i e
High Temperature Polyetheretherketone
(PEEK) material
Halogen-free material
UL94V-0 flammability rating
Chemical resistant material
Gamma radiation resistant
material
Low water absorption
Good electrical isolation
properties
Curved tip – applicable sizes
Cable tie design
Mount cradle design
Low profile design
UL flammability
Oxygen index
Radiation resistance
Continuous use temperature
Halogen free
RoHS compliant

A p p l i c a t i o n s
Applications for PEEK product include, but are not limited to, the following:
• Drilling down-hole electronics
• Nuclear power plants
• Vacuum ovens for optics
• Commercial cooking equipment
• High temperature lighting
• Industrial ovens
• Transformers and transducers
• Wire harnesses for harsh environments
• Chemical manufacturing
• Transportation




Similar Part No. - GS4H

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
GS4H PANDUIT-GS4H Datasheet
77Kb / 2P
PAN-TY Cable Ties - Polypropylene
3/2008
GS4H-E PANDUIT-GS4H-E Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
GS4H-E PANDUIT-GS4H-E Datasheet
147Kb / 2P
Nylon 612 Cable Ties
12/2022
More results


Similar Description - GS4H

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
SG100M-C PANDUIT-SG100M-C Datasheet
291Kb / 4P
SUPER-GRIP??Cable Ties & Cable Tie Mounts
PLT1M-M PANDUIT-PLT1M-M Datasheet
55Kb / 1P
PAN-TY CABLE TIE - PLT SERIES
ABM1M-A-C PANDUIT-ABM1M-A-C Datasheet
191Kb / 1P
Tak-Ty Hook Loop Cable Tie Mounts
PLT3S-M0 PANDUIT-PLT3S-M0 Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT4H-TL76 PANDUIT-PLT4H-TL76 Datasheet
50Kb / 1P
PAN-TY CABLE TIES PLT ELEVATED TEMPERATURE SERIES
PLT3I-M PANDUIT-PLT3I-M Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT1S-M PANDUIT-PLT1S-M Datasheet
83Kb / 2P
PAN-TY CABLE TIES - PLT SERIES
PLT1M-XMR PANDUIT-PLT1M-XMR Datasheet
172Kb / 1P
PAN-TY CABLE TIE PLT SERIES
logo
List of Unclassifed Man...
TDS ETC-TDS Datasheet
1Mb / 6P
SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
logo
Lapp.
61723351 LAPP-61723351 Datasheet
78Kb / 1P
Detectable Cable ties with steel nose (TY-RAP®)
31.08.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com