Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS4H Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # GS4H
Description  High Temperature Polyetheretherketone (PEEK) Pan-Ty ® Cable Ties and Mounts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

GS4H Datasheet(HTML) 1 Page - PANDUIT CORP.

  GS4H Datasheet HTML 1Page - PANDUIT CORP. GS4H Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Bulletin
High Temperature
Polyetheretherketone (PEEK)
Pan-Ty ® Cable Ties and Mounts
PEEK Cable Ties and mounts are ideal for use in high temperature
and harsh chemical environments. PEEK is a dimensionally stable
material that offers an excellent tensile rating with an operating
temperature up to 500°F (260°C). It is halogen free and has a
UL94V-0 flammability rating, generating low smoke and toxicity
upon burn, contributing to improved workplace safety. It has
excellent chemical resistance to almost all organic and inorganic
chemicals and is extremely resistant to high levels of gamma
radiation for a long-term bundling solution. PEEK cable ties
and mounts can be used in a broad range of applications and
environments including Oil and Gas, Automotive and Aerospace.
www.panduit.com
Technical Information
UL 94V-0
35
1 x 109 Rads
-76° – 500°F (-60° – 260°C)
Yes
Yes
Key Features
Benefits
Operating temperature range up to 500°F (260°C); maintains good tensile
strength in high temperature environments
Withstands attack from most organic and inorganic chemicals; able to be
used in harsh chemical environments, providing a long-term bundling solution
Maintains mechanical properties when exposed to high levels of gamma
radiation; maintains tensile properties, providing longer useful life
Non-hygroscopic material provides excellent moisture resistance; won’t
absorb water in humid/steam environments; maintains dimensional stability
and tensile strength
Non-metallic material provides an alternative to conductive fasteners; safe
to use where a non-conductive material is specified and/or required
Provides maximum stability for the cable bundle
Easy to pick up from flat surfaces; allows faster threading
Keeps bundle close to mounting surface where overhead space is limited
Emits very low smoke and gas upon burn; does not easily ignite when
exposed to a flame source; safe material to use in enclosed spaces
Threads easily and installs quickly compared to lacing cord, which requires
time consuming, hand-tied knots that can lead to repetitive strain injuries
Mount
Material
Cable Tie
High Temperature Polyetheretherketone
(PEEK) material
Halogen-free material
UL94V-0 flammability rating
Chemical resistant material
Gamma radiation resistant
material
Low water absorption
Good electrical isolation
properties
Curved tip – applicable sizes
Cable tie design
Mount cradle design
Low profile design
UL flammability
Oxygen index
Radiation resistance
Continuous use temperature
Halogen free
RoHS compliant


Similar Part No. - GS4H

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
GS4H PANDUIT-GS4H Datasheet
77Kb / 2P
PAN-TY Cable Ties - Polypropylene
3/2008
GS4H-E PANDUIT-GS4H-E Datasheet
4Mb / 16P
Heavy Duty Cable Management Solutions
5/2017
GS4H-E PANDUIT-GS4H-E Datasheet
147Kb / 2P
Nylon 612 Cable Ties
12/2022
More results

Similar Description - GS4H

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
SG100M-C PANDUIT-SG100M-C Datasheet
291Kb / 4P
SUPER-GRIP??Cable Ties & Cable Tie Mounts
PLT1M-M PANDUIT-PLT1M-M Datasheet
55Kb / 1P
PAN-TY CABLE TIE - PLT SERIES
ABM1M-A-C PANDUIT-ABM1M-A-C Datasheet
191Kb / 1P
Tak-Ty Hook Loop Cable Tie Mounts
PLT3S-M0 PANDUIT-PLT3S-M0 Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT4H-TL76 PANDUIT-PLT4H-TL76 Datasheet
50Kb / 1P
PAN-TY CABLE TIES PLT ELEVATED TEMPERATURE SERIES
PLT3I-M PANDUIT-PLT3I-M Datasheet
64Kb / 1P
PAN-TY CABLE TIES-PLT SERIES
PLT1S-M PANDUIT-PLT1S-M Datasheet
83Kb / 2P
PAN-TY CABLE TIES - PLT SERIES
PLT1M-XMR PANDUIT-PLT1M-XMR Datasheet
172Kb / 1P
PAN-TY CABLE TIE PLT SERIES
logo
List of Unclassifed Man...
TDS ETC-TDS Datasheet
1Mb / 6P
SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
logo
Lapp.
61723351 LAPP-61723351 Datasheet
78Kb / 1P
Detectable Cable ties with steel nose (TY-RAP®)
31.08.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com