Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS76201 Datasheet (PDF) - Texas Instruments

TPS76201 Datasheet PDF - Texas Instruments
Part # TPS76201
Download  TPS76201 Download
File Size   979.83 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR

TPS76201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS76201 Datasheet PDF - Texas Instruments

Part # TPS76201
Download  TPS76201 Click to download

File Size   979.83 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR

TPS76201 Datasheet (HTML) - Texas Instruments


TPS76201 Product details

100-mA Low-Dropout Regulator
Adjustable Output Voltage (0.7 V to 5.5 V)
Only 23 μA Quiescent Current at 100 mA
1 μA Quiescent Current in Standby Mode
Over Current Limitation
−40°C to 125°C Operating Junction
Temperature Range
5-Pin SOT-23 (DBV) Package

description
The TPS76201 low-dropout (LDO) voltage
regulator features an adjustable output voltage as
low as 0.7 V. It is an ideal regulator for sub 1.2-V
DSP core voltage supplies and is equally suited
for similar applications with other low-voltage
processors and controllers. SOT-23 packaging
and the high-efficiency that results from the
regulator’s ultralow power operation make the
TPS76201 especially useful in handheld and
portable battery applications. This regulator
features low dropout voltages and ultralow
quiescent current compared to conventional LDO
regulators. Offered in a 5-terminal small outline integrated-circuit SOT-23 package, the TPS76201 is ideal for
micropower operations and where board space is at a premium.
A combination of new circuit design and process innovation has enabled the usual PNP pass transistor to be
replaced by a PMOS pass element. Since the PMOS pass element is a voltage-driven device, the quiescent
current is ultralow (30 μA maximum) and is stable over the entire range of output load current (10 μA to 100 mA).
Intended for use in portable systems such as laptops and cellular phones, the ultralow-power operation results
in a significant increase in the system battery operating life.
The TPS76201 also features a logic-enabled sleep mode to shut down the regulator, reducing quiescent current
to 1 μA typical at TJ = 25°C. The TPS76201 is offered in an adjustable version (programmable over the range
of 0.7 V to 5.5 V).




Similar Part No. - TPS76201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201 TI1-TPS76201 Datasheet
597Kb / 16P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201 TI2-TPS76201 Datasheet
964Kb / 19P
Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
DECEMBER 2010
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
597Kb / 16P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Similar Description - TPS76201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76201DBVTG4 TI1-TPS76201DBVTG4 Datasheet
580Kb / 16P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76201-Q1 TI-TPS76201-Q1_15 Datasheet
387Kb / 18P
Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout
TPS76901-HT TI-TPS76901-HT_15 Datasheet
879Kb / 22P
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
TPS76201 TI1-TPS76201_17 Datasheet
597Kb / 16P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com