Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS76201 Datasheet (PDF) - Texas Instruments

TPS76201 Datasheet PDF - Texas Instruments
Part # TPS76201
Download  TPS76201 Download
File Size   964.79 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator

TPS76201 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS76201 Datasheet PDF - Texas Instruments

Part # TPS76201
Download  TPS76201 Click to download

File Size   964.79 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator

TPS76201 Datasheet (HTML) - Texas Instruments


TPS76201 Product details

1FEATURES
2• Qualified for Automotive Applications
• 100-mA Low-Dropout Regulator
• Adjustable Output Voltage: 0.7 V to 5.5 V
• Only 27-mA Quiescent Current at 100 mA
• 1-mA Quiescent Current in Standby Mode
• Overcurrent Limitation
• –40°C to +125°C Operating Ambient
Temperature Range
• Available in 5-Pin SOT-23 (DBV) Package

DESCRIPTION
The TPS76201-Q1 low-dropout (LDO) voltage
regulator features an adjustable output voltage as low
as 0.7 V. It is an ideal regulator for sub 1.2-V DSP
core voltage supplies and is equally suited for similar
applications with other low-voltage processors and
controllers. SOT-23 packaging and the high-efficiency
that results from the ultralow power regulator
operation make the TPS76201-Q1 especially useful
in handheld and portable battery applications. This
regulator features low dropout voltages and ultralow
quiescent current compared to conventional LDO
regulators. Offered in a five-terminal, small outline
integrated circuit (SOT-23) package, the
TPS76201-Q1 is ideal for micropower operations and
where board space is at a premium.
A combination of new circuit design and process
innovation has enabled the usual PNP pass transistor
to be replaced by a PMOS pass element. Because
the PMOS pass element is a voltage-driven device,
the quiescent current is ultralow (30 mA maximum)
and is stable over the entire range of output load
current (10 mA to 100 mA). Intended for use in
portable systems such as laptops and cellular
phones, the ultralow-power operation results in a
significant increase in the system battery operating
life.
The TPS76201-Q1 also features a logic-enabled
sleep mode to shut down the regulator, reducing
quiescent current to 1 mA typical at TJ = +25°C. The
TPS76201-Q1 is offered in an adjustable version
(programmable over the range of 0.7 V to 5.5 V).




Similar Part No. - TPS76201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201 TI1-TPS76201 Datasheet
597Kb / 16P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201 TI2-TPS76201 Datasheet
979Kb / 17P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
REVISED JANUARY 2007
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
597Kb / 16P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Similar Description - TPS76201

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76201DBVTG4 TI1-TPS76201DBVTG4 Datasheet
580Kb / 16P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
logo
Analog Devices
ADP3331 AD-ADP3331_15 Datasheet
336Kb / 9P
Adjustable Output Ultralow Low Dropout Regulator
REV. B
logo
Texas Instruments
TPS76201-Q1 TI-TPS76201-Q1_15 Datasheet
387Kb / 18P
Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout
TPS76901-HT TI-TPS76901-HT_15 Datasheet
879Kb / 22P
ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
TPS76201 TI1-TPS76201_17 Datasheet
597Kb / 16P
LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com