Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE302-02 Datasheet (PDF) - Analog Devices

ADATE302-02 Datasheet PDF - Analog Devices
Part # ADATE302-02
Download  ADATE302-02 Download
File Size   1518.22 Kbytes
Page   58 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 00 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU

ADATE302-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADATE302-02 Datasheet PDF - Analog Devices

Part # ADATE302-02
Download  ADATE302-02 Click to download

File Size   1518.22 Kbytes
Page   58 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 00 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU

ADATE302-02 Datasheet (HTML) - Analog Devices


ADATE302-02 Product details

FEATURES
Driver
3-level driver with high-Z mode and built-in clamps
Precision trimmed output resistance
Low leakage mode (typically <10 nA)
Voltage range: −2.0 V to +6.0 V
1.0 ns minimum pulse width, 1 V terminated
Comparator
Window and differential comparator
>1 GHz input equivalent bandwidth
Load
±12 mA maximum current capability
Per pin PMU
Force voltage range: −2.0 V to +6.0 V
5 current ranges: 25 mA, 2 mA, 200 μA, 20 μA, and 2 μA
Levels
14-bit DAC for DCL levels
Typically <±5 mV INL (calibrated)
16-bit DAC for PMU levels
Typically <±1.5 mV INL (calibrated) linearity in FV mode
HVOUT output buffer
0 V to 13.5 V output range
Packages
84-ball, 9 mm × 9 mm, flip-chip BGA
100-lead TQFP_EP
1.7 W per channel with no load
APPLICATIONS
Automatic test equipment
Semiconductor test systems
Board test systems
Instrumentation and characterization equipment

GENERAL DESCRIPTION
The ADATE302-02 is a complete, single-chip solution that
performs the pin electronic functions of the driver, the comparator, and the active load (DCL), per pin PMU, and dc levels for
ATE applications. The device also contains an HVOUT driver
with a VHH buffer capable of generating up to 13.5 V.
The driver features three active states: data high mode, data low
mode, and term mode, as well as an inhibit state. The inhibit
state, in conjunction with the integrated dynamic clamp, facilitates
the implementation of a high speed active termination. The output
voltage range is −2.0 V to +6.0 V to accommodate a wide
variety of test devices.
The ADATE302-02 can be used as either a dual single-ended
drive/receive channel or a single differential drive/receive
channel. Each channel of the ADATE302-02 features a high
speed window comparator for functional testing as well as a per
pin PMU with FV or FI and MV or MI functions. All necessary
dc levels for DCL functions are generated by on-chip 14-bit
DACs. The per pin PMU features an on-chip 16-bit DAC for
high accuracy and contains integrated range resistors to
minimize external component counts.
The ADATE302-02 uses a serial bus to program all functional
blocks and has an on-board temperature sensor for monitoring
the device temperature.




Similar Part No. - ADATE302-02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 59P
500 MHz Dual Integrated DCL
23-Feb-2017
ADATE302-02BBCZ AD-ADATE302-02BBCZ Datasheet
1Mb / 52P
500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
ADATE302-02BBCZ AD-ADATE302-02BBCZ Datasheet
1Mb / 59P
500 MHz Dual Integrated DCL
23-Feb-2017
ADATE302-02BSVZ AD-ADATE302-02BSVZ Datasheet
1Mb / 59P
500 MHz Dual Integrated DCL
23-Feb-2017
More results


Similar Description - ADATE302-02

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5522 AD-AD5522_07 Datasheet
561Kb / 48P
Quad Parametric Measurement Unit With Integrated 16-Bit Level Setting DACs
ADATE302-02 AD-ADATE302-02 Datasheet
1Mb / 52P
500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
REV. 0
ADATE304 AD-ADATE304 Datasheet
1Mb / 52P
200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE305 AD-ADATE305 Datasheet
1Mb / 56P
250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
ADATE302-02 AD-ADATE302-02_17 Datasheet
1Mb / 59P
500 MHz Dual Integrated DCL
23-Feb-2017
ADATE304 AD-ADATE304_17 Datasheet
1Mb / 51P
200 MHz Dual Integrated DCL
10/2017-Rev. B to Rev. C
ADATE318 AD-ADATE318_17 Datasheet
1Mb / 81P
600 MHz Dual Integrated DCL
27-Jul-2017
ADATE334 AD-ADATE334 Datasheet
72Kb / 2P
2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com