Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9070801 Datasheet (PDF) - Theben AG

9070801 Datasheet PDF - Theben AG
Part # 9070801
Download  9070801 Download
File Size   2235.83 Kbytes
Page   2 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description Accessories Sensor technology

9070801 Datasheet (PDF)

Go To PDF Page Download Datasheet
9070801 Datasheet PDF - Theben AG

Part # 9070801
Download  9070801 Click to download

File Size   2235.83 Kbytes
Page   2 Pages
Manufacturer  THEBEN [Theben AG]
Direct Link  www.theben.de
Logo THEBEN - Theben AG
Description Accessories Sensor technology

9070801 Datasheet (HTML) - Theben AG


9070801 Product details

Description
- theLeda B radio-controlled motion detector module
- 180° detection angle at 12 m range
- Additional light switch output
- Sensor can turned horizontally by ± 90° and downwards/backwards by 90°
- IP 55 protection rating
- theLeda B remote control included in scope of supply for the motion detector module
- A remote control can be combined with different motion detector modules
- Up to 6 remote controls can be combined with a single motion detector module
- Remote control range up to 100 m on open air test site




Similar Part No. - 9070801

ManufacturerPart #DatasheetDescription
logo
Theben AG
9070801 THEBEN-9070801 Datasheet
1Mb / 2P
LED spotlights LED light without motion detector
07/04/2025
9070801 THEBEN-9070801 Datasheet
1Mb / 2P
LED spotlights LED light without motion detector
07/04/2025
9070801 THEBEN-9070801 Datasheet
1Mb / 2P
LED spotlights LED light without motion detector
07/04/2025
9070801 THEBEN-9070801 Datasheet
1Mb / 2P
LED spotlights LED light without motion detector
07/04/2025
More results


Similar Description - 9070801

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSPR1A170100 TI-TSPR1A170100 Datasheet
270Kb / 15P
Liquid Sensor Microcomponents Technology Center
logo
Cynergy3 Co
UF25B CYNERGY3-UF25B Datasheet
416Kb / 1P
Non-invasive sensor technology
logo
National Instruments Co...
WSN-3280 NI-WSN-3280 Datasheet
811Kb / 4P
Wireless Sensor Network Accessories
logo
Omron Electronics LLC
E39-E10 OMRON-E39-E10 Datasheet
2Mb / 38P
Sensor connectors, reflectors, mounting brackets, accessories
E3F2-D1B4-P1 OMRON-E3F2-D1B4-P1 Datasheet
2Mb / 38P
Sensor connectors, reflectors, mounting brackets, accessories
logo
Advanced Thermal Soluti...
ATVS-2020 ATS-ATVS-2020 Datasheet
434Kb / 1P
Single Sensor Technology
R2_0215
logo
Cherry Semiconductor Co...
JD-0800EU-2 CHERRY-JD-0800EU-2 Datasheet
147Kb / 2P
Optical Sensor technology:1200dpi
logo
Endress+Hauser Group Se...
CPS41E EH-CPS41E Datasheet
866Kb / 12P
pH sensor for process technology
2020-08-10
CPS42E EH-CPS42E Datasheet
900Kb / 12P
ORP sensor for process technology
2021-01-11
CPS76E EH-CPS76E Datasheet
1Mb / 12P
pH/ORP sensor for process technology
2021-04-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com