Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2592RGVR Datasheet (PDF) - Texas Instruments

CC2592RGVR Datasheet PDF - Texas Instruments
Part # CC2592RGVR
Download  CC2592RGVR Download
File Size   1115.91 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC2592 2.4-GHz Range Extender

CC2592RGVR Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2592RGVR Datasheet PDF - Texas Instruments

Part # CC2592RGVR
Download  CC2592RGVR Click to download

File Size   1115.91 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC2592 2.4-GHz Range Extender

CC2592RGVR Datasheet (HTML) - Texas Instruments


CC2592RGVR Product details

1.1 Features 1
• Seamless Interface to 2.4-GHz Low-Power RF
Devices from Texas Instruments
• +22-dBm Output Power
• 3-dB Typical Improved Sensitivity on CC2520,
CC253X, and CC85XX
• Very Few External Components
– Integrated Switches
– Integrated Matching Network
– Integrated Balun
– Integrated Inductors
– Integrated PA
– Integrated LNA
• Digital Control of LNA Gain by HGM Terminal
• 100 nA in Power Down (LNA_EN = PA_EN = 0)
• Low-Transmit Current Consumption
– 155 mA at 3 V for +22 dBm, PAE = 34%
• Low-Receive Current Consumption
– 4.0-mA for High-Gain Mode
– 1.9-mA for Low-Gain Mode
• 4.7-dB LNA Noise Figure, Including T/R Switch
and External Antenna Match
• RoHS Compliant 4-mm × 4-mm QFN-16 Package
• 2.0-V to 3.7-V Operation
• –40°C to +125°C Operation

1.2 Applications
• All 2.4-GHz ISM Band Systems
• Wireless Sensor Networks
• Wireless Industrial Systems
• IEEE 802.15.4 and ZigBee® Metering Systems
• IEEE 802.15.4 and ZigBee Gateways
• Wireless Consumer Systems
• Wireless Audio Systems

1.3 Description
The CC2592 device is a cost-effective and high-performance RF front end for low-power and low-voltage
2.4-GHz wireless applications.
The CC2592 device is a range extender for all CC25XX 2.4-GHz low-power RF transceivers, transmitters,
and system-on-chip products from Texas Instruments.
To increase the link budget, the CC2592 device provides a power amplifier for increased output power
and an LNA with a low-noise figure for improved receiver sensitivity.
The CC2592 device provides a very small size, high-output power RF design with its 4-mm × 4-mm QFN-
16 package.
The CC2592 device contains PA, LNA, switches, RF-matching, and balun for simple design of highperformance
wireless applications.




Similar Part No. - CC2592RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2592RGVR TI-CC2592RGVR Datasheet
924Kb / 22P
CC2592 2.4-GHz Range Extender
CC2592RGVR TI2-CC2592RGVR Datasheet
1Mb / 26P
CC2592 2.4-GHz Range Extender
FEBRUARY 2014
CC2592RGVR.B TI2-CC2592RGVR.B Datasheet
1Mb / 26P
CC2592 2.4-GHz Range Extender
FEBRUARY 2014
CC2592RGVRG4 TI2-CC2592RGVRG4 Datasheet
1Mb / 26P
CC2592 2.4-GHz Range Extender
FEBRUARY 2014
CC2592RGVRG4.B TI2-CC2592RGVRG4.B Datasheet
1Mb / 26P
CC2592 2.4-GHz Range Extender
FEBRUARY 2014
More results


Similar Description - CC2592RGVR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13190 MOTOROLA-MC13190 Datasheet
505Kb / 15P
2.4 GHz Short-Range, Low-Power Transceiver
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
logo
Level One
WRE-6001C LVL1-WRE-6001C Datasheet
456Kb / 3P
Wireless Range Extender, 300Mbps
logo
Texas Instruments
CC2592 TI-CC2592_15 Datasheet
924Kb / 22P
CC2592 2.4-GHz Range Extender
logo
ATMEL Corporation
T7031 ATMEL-T7031 Datasheet
570Kb / 16P
Frequency Range 2.4 GHz to 2.5 GHz
logo
Semtech Corporation
SX1280 SEMTECH-SX1280 Datasheet
2Mb / 137P
Long Range, Low Power, 2.4 GHz Transceiver with Ranging Capability
logo
Guerrilla RF, Inc.
GRF2581 GUERRILLA-GRF2581 Datasheet
930Kb / 13P
LNA T/R Switch Tuning Range: 2.4 to 6.0 GHz
logo
TP-Link Technologies Co...
RE300 TP-LINK-RE300 Datasheet
1Mb / 5P
AC1200 Mesh Wi-Fi Range Extender
logo
AUREL S.p.A.
650201476G AUREL-650201476G Datasheet
118Kb / 1P
Long Range & Low Power 2.4 GHz Multichannel Transceiver
07.07.2021
650201516G AUREL-650201516G Datasheet
1Mb / 1P
Long Range & Low Power 2.4 GHz Multichannel Transceiver
18.02.2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com