Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2592RGVR Datasheet(PDF) 9 Page - Texas Instruments

Part # CC2592RGVR
Description  CC2592 2.4-GHz Range Extender
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2592RGVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2592RGVR Datasheet HTML 5Page - Texas Instruments CC2592RGVR Datasheet HTML 6Page - Texas Instruments CC2592RGVR Datasheet HTML 7Page - Texas Instruments CC2592RGVR Datasheet HTML 8Page - Texas Instruments CC2592RGVR Datasheet HTML 9Page - Texas Instruments CC2592RGVR Datasheet HTML 10Page - Texas Instruments CC2592RGVR Datasheet HTML 11Page - Texas Instruments CC2592RGVR Datasheet HTML 12Page - Texas Instruments CC2592RGVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
RF_P
RXTX
RF_N
RF_P
RXTX
RF_N
CC2592
ANT
LNA_EN
HGM
VDD
RF_P
PA_EN
RF_N
R81
VDD
VDD
C101
L101
L102
C109
C103
C151
C106
C131
LNA_EN
HGM
PA_EN
LDB182G4520C-110
Balun
SMA
SMA
L103
C105
C107
C108
C152
C21
CC2592
www.ti.com
SWRS159 – FEBRUARY 2014
5
CC2592EM Evaluation Module
Figure 5-1 shows an evaluation module circuit of the CC2592 device.
Figure 5-1. CC2592 Evaluation Module
Table 5-1 lists the materials in the CC2592 evaluation module circuit.
Table 5-1. List of Materials
Device
Function
Value
L101
PA bias inductor
4.7 nH, Multilayer chip inductor
L102
Part of antenna match
1 nH, Multilayer chip inductor
L103
Part of antenna match
1.8 nH, Multilayer chip inductor
C101
Part of antenna match
2.2-pF 0402 Chip capacitor
C103
Part of antenna match
2.2-pF 0402 Chip capacitor
C105
Part of antenna match
0.1-pF 0402 Chip capacitor
C106
Decoupling
12-pF 0402 Chip capacitor
C107
Decoupling
1-nF 0402 Chip capacitor
C108
Decoupling
1-µF 0402 Chip capacitor
C109
DC block
18-pF 0402 Chip capacitor
C21
Balun matching capacitor
0.2-pF 0402 Chip capacitor
C152
Balun matching capacitor
0.3-pF 0402 Chip capacitor
C131
Decoupling
1-nF 0402 Chip capacitor
C151
Decoupling
12-pF 0402 Chip capacitor
R81
Bias resistor
3.9 k
Ω, 0402 resistor
Copyright © 2014, Texas Instruments Incorporated
CC2592EM Evaluation Module
9
Submit Documentation Feedback
Product Folder Links: CC2592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com