Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HCT00F Datasheet (PDF) - Texas Instruments

CD54HCT00F Datasheet PDF - Texas Instruments
Part # CD54HCT00F
Download  CD54HCT00F Download
File Size   1093.26 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HCT00 Quadruple 2-Input NAND Gates with TTL-Compatible Inputs

CD54HCT00F Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HCT00F Datasheet PDF - Texas Instruments

Part # CD54HCT00F
Download  CD54HCT00F Click to download

File Size   1093.26 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HCT00 Quadruple 2-Input NAND Gates with TTL-Compatible Inputs

CD54HCT00F Datasheet (HTML) - Texas Instruments


CD54HCT00F Product details

1 Features
• LSTTL input logic compatible
– VIL(max) = 0.8 V, VIH(min) = 2 V
• CMOS input logic compatible
– II ≤ 1 μA at VOL, VOH
• Buffered inputs
• 4.5 V to 5.5 V operation
• Wide operating temperature range:
–55°C to +125°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs

2 Applications
• Alarm / tamper detect circuit
• S-R latch

3 Description
This device contains four independent 2-input NAND
gates. Each gate performs the Boolean function
Y = A ● B in positive logic.




Similar Part No. - CD54HCT00F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT00F TI-CD54HCT00F Datasheet
33Kb / 10P
High Speed CMOS Logic Quad 2-Input NAND Gate
CD54HCT00F TI1-CD54HCT00F Datasheet
392Kb / 11P
High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HCT00F3A TI-CD54HCT00F3A Datasheet
33Kb / 10P
High Speed CMOS Logic Quad 2-Input NAND Gate
CD54HCT00F3A TI1-CD54HCT00F3A Datasheet
615Kb / 15P
High-Speed CMOS Logic Quad 2-Input NAND Gate
CD54HCT00F3A TI1-CD54HCT00F3A Datasheet
618Kb / 15P
High-Speed CMOS Logic Quad 2-Input NAND Gate
More results


Similar Description - CD54HCT00F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
QUADRUPLE 2-INPUT NAND GATES
Rev 1
74LV132A DIODES-74LV132A Datasheet
297Kb / 9P
QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
Rev 1
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
QUADRUPLE 2-INPUT NAND GATES
Rev 3
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
Quadruple 2-Input NAND Gates
logo
Texas Instruments
SN74HCS00 TI1-SN74HCS00 Datasheet
338Kb / 18P
SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00 TI1-SN74HCS00_V01 Datasheet
1,001Kb / 22P
SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00 TI-SN74HCS00_V02 Datasheet
1Mb / 24P
SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00 TI-SN74HCS00_V03 Datasheet
2Mb / 31P
SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com