Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2EP130R Datasheet (PDF) - Infineon Technologies AG

2EP130R Datasheet PDF - Infineon Technologies AG
Part # 2EP130R
Download  2EP130R Download
File Size   889.22 Kbytes
Page   45 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Full-bridge transformer driver for IGBT and SiC MOSFET gate driver supply

2EP130R Datasheet (PDF)

Go To PDF Page Download Datasheet
2EP130R Datasheet PDF - Infineon Technologies AG

Part # 2EP130R
Download  2EP130R Click to download

File Size   889.22 Kbytes
Page   45 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Full-bridge transformer driver for IGBT and SiC MOSFET gate driver supply

2EP130R Datasheet (HTML) - Infineon Technologies AG


2EP130R Product details

Features
• Open loop full-bridge transformer driver for designing isolated gate driver supplies for a wide
variety of switch technologies (IGBTs, SiC MOSFETs, GaN HEMTs, and others)
• Wide input supply range: from 4.5 V to 20 V
• Supports up to 5 W output power supplies
• Wide frequency range: from 50 kHz to 695 kHz with an internal oscillator or external clock
• Highly accurate duty-cycle adjustment: from 10% to 50%
• Adjustable overcurrent threshold
• Short circuit protection for power outputs
• Overtemperature protection
• Ready output to indicate normal operation
• Small, space-saving package

Potential applications
• Industrial motor drives - compact, standard, premium, servo drives
• Solar inverters
• UPS and energy storage systems
• Welding
• Commercial air-conditioning
• High-voltage DC-DC converters and DC-AC inverters
• Isolated switch-mode power supplies
• Power meters

Product validation
Qualified for industrial applications according to the relevant tests of JEDEC47/20/22.





Similar Description - 2EP130R

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX6895 IXYS-MX6895 Datasheet
271Kb / 8P
-550V Full Bridge Gate Driver
logo
Clare, Inc.
MX6895 CLARE-MX6895 Datasheet
546Kb / 9P
-550V Full Bridge Gate Driver
logo
Anpec Electronics Corop...
APW7181 ANPEC-APW7181 Datasheet
340Kb / 13P
Full-Bridge Inverter Gate Driver
logo
Allegro MicroSystems
A4955 ALLEGRO-A4955 Datasheet
378Kb / 11P
Full-Bridge PWM Gate Driver
A4956 ALLEGRO-A4956 Datasheet
376Kb / 11P
Full-Bridge PWM Gate Driver
A5957 ALLEGRO-A5957 Datasheet
335Kb / 10P
Full-Bridge PWM Gate Driver
logo
AiT Semiconductor Inc.
AG2104 AITSEMI-AG2104 Datasheet
557Kb / 9P
MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
AG2106 AITSEMI-AG2106 Datasheet
997Kb / 15P
MOSFET/IGBT GATE DRIVER HALF-BRIDGE DRIVER
REV1.0
logo
NXP Semiconductors
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com