Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7181 Datasheet (PDF) - Anpec Electronics Coropration

APW7181 Datasheet PDF - Anpec Electronics Coropration
Part # APW7181
Download  APW7181 Download
File Size   340.32 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Full-Bridge Inverter Gate Driver

APW7181 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7181 Datasheet PDF - Anpec Electronics Coropration

Part # APW7181
Download  APW7181 Click to download

File Size   340.32 Kbytes
Page   13 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Full-Bridge Inverter Gate Driver

APW7181 Datasheet (HTML) - Anpec Electronics Coropration


APW7181 Product details

General Description
The APW7181 is designed to drive two high-side P-channel MOSFETs and two low-side N-channel MOSFETs in a full-bridge configuration. The outputs are independently controlled by PWM1 and PWM2 input signals.
The other features include VCC power-on-reset and thermal shutdown.

Features
• Wide Input Voltage Range: 4.5V to 13.2V
• Drives a Full-Bridge Inverter(High-Side P-Channel MOSFETs and Low-Side N-Channel MOSFETs)
• Thermal Shutdown Protection
• VCC Power-On-Reset
• SOP-8 Package
• Lead Free and Green Devices Available (RoHS Compliant)

Applications
• LCD Monitor and LCD TV




Similar Part No. - APW7181

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15 ANPEC-APW7101-15 Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15BI-TRG ANPEC-APW7101-15BI-TRG Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-15BI-TRL ANPEC-APW7101-15BI-TRL Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
APW7101-18 ANPEC-APW7101-18 Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
More results


Similar Description - APW7181

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MX6895 IXYS-MX6895 Datasheet
271Kb / 8P
-550V Full Bridge Gate Driver
logo
Clare, Inc.
MX6895 CLARE-MX6895 Datasheet
546Kb / 9P
-550V Full Bridge Gate Driver
logo
International Rectifier
IRS24531DSTRPBF IRF-IRS24531DSTRPBF Datasheet
362Kb / 18P
Integrated 600 V full-bridge gate driver
IRS2453D IRF-IRS2453D_15 Datasheet
540Kb / 18P
Integrated 600 V full-bridge gate driver
logo
Allegro MicroSystems
A4955 ALLEGRO-A4955 Datasheet
378Kb / 11P
Full-Bridge PWM Gate Driver
A4956 ALLEGRO-A4956 Datasheet
376Kb / 11P
Full-Bridge PWM Gate Driver
A5957 ALLEGRO-A5957 Datasheet
335Kb / 10P
Full-Bridge PWM Gate Driver
logo
International Rectifier
IRS2453D IRF-IRS2453D_16 Datasheet
509Kb / 18P
Integrated 600 V full-bridge gate driver
logo
Lowpower Semiconductor ...
LP1115 POWER-LP1115 Datasheet
537Kb / 10P
Full Bridge Gate Driver with Boost Convertor
logo
Infineon Technologies A...
IRS2453 INFINEON-IRS2453 Datasheet
514Kb / 18P
Integrated 600 V full-bridge gate driver
April 27, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com