Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE5AR2280CZ Datasheet (PDF) - Infineon Technologies AG

ICE5AR2280CZ Datasheet PDF - Infineon Technologies AG
Part # ICE5AR2280CZ
Download  ICE5AR2280CZ Download
File Size   2355.06 Kbytes
Page   40 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Fixed-frequency 800 V / 950 V CoolSET™

ICE5AR2280CZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ICE5AR2280CZ Datasheet PDF - Infineon Technologies AG

Part # ICE5AR2280CZ
Download  ICE5AR2280CZ Click to download

File Size   2355.06 Kbytes
Page   40 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Fixed-frequency 800 V / 950 V CoolSET™

ICE5AR2280CZ Datasheet (HTML) - Infineon Technologies AG


ICE5AR2280CZ Product details

Features
 Integrated 800 V / 950 V avalanche rugged CoolMOS™
 Enhanced Active Burst mode with selectable entry and
exit standby power
 Digital frequency reduction for better overall system efficiency
 Fast startup achieved with cascode configuration
 DCM and CCM operation with slope compensation
 Frequency jitter and soft gate driving for low EMI
 Built-in digital soft start
 Integrated error amplifier to support direct feedback
in non-isolated flyback and buck topologies
 Comprehensive protection with input line overvoltage, VCC
overvoltage, VCC undervoltage, overload, open loop and
overtemperature
 All protections are in auto restart mode
 Limited charging current for VCC short to GND
 Pb-free lead plating, halogen-free mold compound, RoHS-compliant

Potential applications
 Auxiliary power supply for home appliances, white goods, TV, PC and server, smart metering
 Blu-ray players, set-top boxes, and LCD/LED monitors

Product validation
Fully qualified according to JEDEC for Industrial Applications.




Similar Part No. - ICE5AR2280CZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE5AR2280CZ INFINEON-ICE5AR2280CZ Datasheet
2Mb / 40P
Fixed-frequency 800 V / 950 V CoolSET™ in DIP-7 package
Rev 1.1 2022-07-19
ICE5AR2280CZ INFINEON-ICE5AR2280CZ Datasheet
467Kb / 4P
22 W isolated flyback auxiliary power supply for residential indoor aircon
More results


Similar Description - ICE5AR2280CZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1088C MAXIM-DS1088C Datasheet
1Mb / 8P
Fixed-Frequency EconoOscillator™
Rev 0; 3/12
DS1088L MAXIM-DS1088L_12 Datasheet
1Mb / 8P
Fixed-Frequency EconOscillator™
Rev 2; 1/12
logo
Infineon Technologies A...
ICE3RBR0665JG INFINEON-ICE3RBR0665JG Datasheet
1Mb / 32P
Fixed-Frequency, 650V CoolSET??in DS0-12 Package
Revision 1.0 2016-05-12
ICE3AR2280JG INFINEON-ICE3AR2280JG Datasheet
1Mb / 40P
Fixed-Frequency, 800V CoolSET??in DS0-12 Package
Revision 1.0 2016-05-12
ICE5QR4770AZ INFINEON-ICE5QR4770AZ Datasheet
2Mb / 53P
Quasi-Resonant 700 V/800 V CoolSET
V 2.1 2017-08-11
ICE2QR2280G INFINEON-ICE2QR2280G Datasheet
1Mb / 24P
Quasi-Resonant, 800 V CoolSET??in DS0-12 Package
Revision 2.2 2017-09-12
ICE5QRXX80BG INFINEON-ICE5QRXX80BG Datasheet
2Mb / 39P
Quasi-Resonant 800 V CoolSET??- in DSO-12 Package
V 2.1 2020-01-21
logo
STMicroelectronics
T2035T-8G STMICROELECTRONICS-T2035T-8G Datasheet
860Kb / 12P
20 A 800 V D2PAK Snubberless™ Triac
DS12739 - Rev 1 - September 2018
T835T-8G STMICROELECTRONICS-T835T-8G Datasheet
232Kb / 11P
8 A 800 V D2PAK Snubberless™ Triac
DS12531 - Rev 3 - July 2018
logo
Infineon Technologies A...
ICE5XRXXXXXZ INFINEON-ICE5XRXXXXXZ Datasheet
2Mb / 40P
Fixed-frequency 800 V / 950 V CoolSET™ in DIP-7 package
Rev 1.1 2022-07-19
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com