Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T835T-8G Datasheet (PDF) - STMicroelectronics

T835T-8G Datasheet PDF - STMicroelectronics
Part # T835T-8G
Download  T835T-8G Download
File Size   232.87 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 A 800 V D2PAK Snubberless™ Triac

T835T-8G Datasheet (PDF)

Go To PDF Page Download Datasheet
T835T-8G Datasheet PDF - STMicroelectronics

Part # T835T-8G
Download  T835T-8G Click to download

File Size   232.87 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 A 800 V D2PAK Snubberless™ Triac

T835T-8G Datasheet (HTML) - STMicroelectronics


T835T-8G Product details

Features
• High static dV/dt
• High dynamic turn-off commutation (dl/dt)c
• 150 °C maximum junction temperature
• Three quadrants
• Surge capability VDSM, VRSM = 900 V
• Benefits:
– High immunity to false turn-on thanks to high static dV/dt
– Better turn-off in high temperature environments thanks to (dI/dt)c
– Increase of thermal margin due to extended working Tj up to 150 °C
– Good thermal resistance due to non-insulated tab.

Applications
• General purpose AC line load switching
• Motor control circuits
• Home appliances
• Heating
• Lighting
• Inrush current limiting circuits
• Overvoltage crowbar protection

Description
Available in SMD, the T835T-8G Triac can be used for the on/off or phase angle
control function in general purpose AC switching where high commutation capability
is required. The T835T-8G can be used without a snubber RC circuit when the limits
defined are respected.
D2PAK package is UL-94,V0 flammability resin compliance.
Package environmentally friendly Ecopack® 2 graded (RoHS and Halogen Free
compliance).
Snubberless™ is a trademark of STMicroelectronics.




Similar Part No. - T835T-8G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T835T-8FP STMICROELECTRONICS-T835T-8FP Datasheet
274Kb / 9P
8 A Snubberless™ Triac
January 2015 Rev 2
logo
Inchange Semiconductor ...
T835T-8FP ISC-T835T-8FP Datasheet
172Kb / 1P
isc Thyristors
T835T-8I ISC-T835T-8I Datasheet
227Kb / 2P
isc Thyristors
logo
STMicroelectronics
T835T-8T STMICROELECTRONICS-T835T-8T Datasheet
277Kb / 9P
High static and dynamic commutation
28-Jul-2014
More results


Similar Description - T835T-8G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
8 A Snubberless Triac
24-Sep-2012
T835T-8FP STMICROELECTRONICS-T835T-8FP Datasheet
274Kb / 9P
8 A Snubberless™ Triac
January 2015 Rev 2
T835H-8G STMICROELECTRONICS-T835H-8G Datasheet
263Kb / 12P
8 A - 800 V - 150 °C 8H Triac in D2PAK
Rev 2 - December 2020
T1635T-8G STMICROELECTRONICS-T1635T-8G Datasheet
860Kb / 12P
16 A - 800 V - D2PAK Snubberless™Triac
Rev 1 - September 2018
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
12 A Snubberless™ Triac
19-Dec-2017
T435T-600FP STMICROELECTRONICS-T435T-600FP Datasheet
150Kb / 9P
4 A Snubberless™ Triac
July 2014
T1235T-8I STMICROELECTRONICS-T1235T-8I Datasheet
415Kb / 9P
12 A Snubberless™ Triac
December 2017
T1235T-8R STMICROELECTRONICS-T1235T-8R Datasheet
417Kb / 9P
12 A Snubberless™ Triac
November 2017
T2035T-8G STMICROELECTRONICS-T2035T-8G Datasheet
860Kb / 12P
20 A 800 V D2PAK Snubberless™ Triac
DS12739 - Rev 1 - September 2018
T4050-6PF STMICROELECTRONICS-T4050-6PF Datasheet
218Kb / 11P
40 A Snubberless™ Triac
DS12857 - Rev 1 - December 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com