Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T835T-8G Datasheet(PDF) 5 Page - STMicroelectronics

Part # T835T-8G
Description  8 A 800 V D2PAK Snubberless™ Triac
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835T-8G Datasheet(HTML) 5 Page - STMicroelectronics

  T835T-8G Datasheet HTML 1Page - STMicroelectronics T835T-8G Datasheet HTML 2Page - STMicroelectronics T835T-8G Datasheet HTML 3Page - STMicroelectronics T835T-8G Datasheet HTML 4Page - STMicroelectronics T835T-8G Datasheet HTML 5Page - STMicroelectronics T835T-8G Datasheet HTML 6Page - STMicroelectronics T835T-8G Datasheet HTML 7Page - STMicroelectronics T835T-8G Datasheet HTML 8Page - STMicroelectronics T835T-8G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 7. Surge peak on-state current versus number of
cycles
0
10
20
30
40
50
60
70
1
10
100
1000
ITSM(A)
Number of cycles
Repetitive
Tc = 128°C
Non repetitive
Tj initial = 25 °C
t=20ms
One cycle
Figure 8. Non repetitive surge peak on-state current for a
sinusoidal pulse with width tp < 10 ms
10
100
1000
0.01
0.10
1.00
10.00
ITSM(A)
t (ms)
p
T initial=25°C
j
ITSM
dI/dt limitation:
100A/µs
Figure 9. On-state characteristics (maximum values)
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
ITM(A)
VTM(V)
Tj max.
Vto = 0.87 V
Rd = 80 mΩ
Tj = 150 °C
Tj = 25 °C
Figure 10. Relative variation of critical rate of decrease of
main current versus junction temperature
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
25
50
75
100
125
150
(dl/dt)c [Tj] / (dl/dt)c [Tj = 150 °C]
Tj(°C)
Figure 11. Relative variation of static dV/dt immunity
versus junction temperature
0
1
2
3
4
5
6
25
50
75
100
125
150
dV/dt [Tj] / dV/dt [Tj = 150 °C]
Tj(°C)
VD = VR = 402 V
Figure 12. Relative variation of leakage current versus
junction temperature for different values of blocking
voltage
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
150
IDRM/IRRM [Tj, VDRM/VRRM] / IDRM/IRRM [Tj max.,VDRM/VRRM]*
Tj(°C)
VDRM = VRRM = 800 V
VDRM = VRRM = 600 V
*[Tj max = 125 °C; VDRM, VRRM = 800 V]
[Tj max = 150 °C; VDRM, VRRM = 600 V]
T835T-8G
Characteristics (curves)
DS12531 - Rev 3
page 5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com