Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T4050-6PF Datasheet (PDF) - STMicroelectronics

T4050-6PF Datasheet PDF - STMicroelectronics
Part # T4050-6PF
Download  T4050-6PF Download
File Size   218.09 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 A Snubberless™ Triac

T4050-6PF Datasheet (PDF)

Go To PDF Page Download Datasheet
T4050-6PF Datasheet PDF - STMicroelectronics

Part # T4050-6PF
Download  T4050-6PF Click to download

File Size   218.09 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 A Snubberless™ Triac

T4050-6PF Datasheet (HTML) - STMicroelectronics


T4050-6PF Product details

Features
• High current Triac
• High surge current = 400 A
• Max. blocking voltage = VDRM, VRRM = 600 V
• Max. surge voltage = VDSM, VRSM = 700 V
• IGT maximum = 50 mA
• High static and dynamic commutation:
– (dI/dt)c = 25.1 A/ms
– dV/dt = 1000 V/μs
• UL1557 certified (file ref. 81734) = 2.5 kV
• Snubberless™ device
• ECOPACK® 2 compliant (RoHS and HF compliance)

Applications
• Heater, ventilation and air conditioning (HVAC)
• Solid state relay (SSR)
• Motor soft starter
• SMPS inrush current limiter

Description
The device is packaged in a through-hole TO-3PF full plastic insulated.
The T4050-6PF is optimized for the ON/OFF function or phase angle control in
applications such as static relays, heating regulation, induction motor starting circuits,
light dimmers, motor speed controllers and in many other industrial applications
where high immunity and high surge current are required.




Similar Part No. - T4050-6PF

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T405000 E-SWITCH-T405000 Datasheet
70Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T405001 E-SWITCH-T405001 Datasheet
68Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
STMicroelectronics
T4050D STMICROELECTRONICS-T4050D Datasheet
314Kb / 5P
SNUBBERLESS TRIACS
Apr-1995
T4050DKS STMICROELECTRONICS-T4050DKS Datasheet
314Kb / 5P
SNUBBERLESS TRIACS
Apr-1995
T4050K STMICROELECTRONICS-T4050K Datasheet
314Kb / 5P
SNUBBERLESS TRIACS
Apr-1995
More results


Similar Description - T4050-6PF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T630W STMICROELECTRONICS-T630W_10 Datasheet
85Kb / 8P
6 A Snubberless??Triac
09-Feb-2010
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
8 A Snubberless Triac
24-Sep-2012
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
6 A Snubberless™Triac
09-Feb-2010
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
6 A Snubberless™ Triac
June 2010 Rev 2
T635T-8FP STMICROELECTRONICS-T635T-8FP Datasheet
276Kb / 9P
6 A Snubberless™ Triac
January 2015 Rev 2
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
12 A Snubberless™ Triac
19-Dec-2017
T435T-600FP STMICROELECTRONICS-T435T-600FP Datasheet
150Kb / 9P
4 A Snubberless™ Triac
July 2014
T1235T-8I STMICROELECTRONICS-T1235T-8I Datasheet
415Kb / 9P
12 A Snubberless™ Triac
December 2017
T1235T-8R STMICROELECTRONICS-T1235T-8R Datasheet
417Kb / 9P
12 A Snubberless™ Triac
November 2017
T2035T-8G STMICROELECTRONICS-T2035T-8G Datasheet
860Kb / 12P
20 A 800 V D2PAK Snubberless™ Triac
DS12739 - Rev 1 - September 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com