Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T635T-8FP Datasheet (PDF) - STMicroelectronics

T635T-8FP Datasheet PDF - STMicroelectronics
Part # T635T-8FP
Download  T635T-8FP Download
File Size   276.67 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6 A Snubberless™ Triac

T635T-8FP Datasheet (PDF)

Go To PDF Page Download Datasheet
T635T-8FP Datasheet PDF - STMicroelectronics

Part # T635T-8FP
Download  T635T-8FP Click to download

File Size   276.67 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6 A Snubberless™ Triac

T635T-8FP Datasheet (HTML) - STMicroelectronics


T635T-8FP Product details

Description
Available in through-hole full pack package, the T635T-8FP Triac can be used for the on/off or phase angle control function in general purpose AC switching where high commutation capability is required. This device can be used without a snubber circuit when the limits defined in this datasheet are respected. Provides UL certified insulation rated at 2 kV. TM: Snubberless is a trademark of STMicroelectronics

Features
■ Medium current Triac
■ High static and dynamic commutation
■ Three quadrants
■ ECOPACK® 2 compliant component
■ Complies with UL standards (File ref: E81734)

Applications
■ General purpose AC line load switching
■ Motor control circuits
■ Small home appliances
■ Lighting
■ Inrush current limiting circuits
■ Overvoltage crowbar protection




Similar Part No. - T635T-8FP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T635T-8FP ISC-T635T-8FP Datasheet
254Kb / 2P
Isc Triacs
More results


Similar Description - T635T-8FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T630W STMICROELECTRONICS-T630W_10 Datasheet
85Kb / 8P
6 A Snubberless??Triac
09-Feb-2010
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
8 A Snubberless Triac
24-Sep-2012
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
6 A Snubberless™Triac
09-Feb-2010
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
6 A Snubberless™ Triac
June 2010 Rev 2
T635T-8T STMICROELECTRONICS-T635T-8T Datasheet
272Kb / 9P
6 A Snubberless™ Triac
July 2014 Rev 3
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
12 A Snubberless™ Triac
19-Dec-2017
T435T-600FP STMICROELECTRONICS-T435T-600FP Datasheet
150Kb / 9P
4 A Snubberless™ Triac
July 2014
T1235T-8I STMICROELECTRONICS-T1235T-8I Datasheet
415Kb / 9P
12 A Snubberless™ Triac
December 2017
T1235T-8R STMICROELECTRONICS-T1235T-8R Datasheet
417Kb / 9P
12 A Snubberless™ Triac
November 2017
T4050-6PF STMICROELECTRONICS-T4050-6PF Datasheet
218Kb / 11P
40 A Snubberless™ Triac
DS12857 - Rev 1 - December 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com