Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T630W Datasheet (PDF) - STMicroelectronics

T630W Datasheet PDF - STMicroelectronics
Part # T630W_10
Download  T630W Download
File Size   85.09 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6 A Snubberless??Triac

T630W Datasheet (PDF)

Go To PDF Page Download Datasheet
T630W Datasheet PDF - STMicroelectronics

Part # T630W_10
Download  T630W Click to download

File Size   85.09 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 6 A Snubberless??Triac

T630W Datasheet (HTML) - STMicroelectronics




Similar Part No. - T630W_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T630W STMICROELECTRONICS-T630W Datasheet
62Kb / 5P
SNUBBERLESS TRIAC
Apr-1995
T630W STMICROELECTRONICS-T630W Datasheet
63Kb / 5P
6A SNUBBERLESTM TRIAC
Mar-2004
More results


Similar Description - T630W_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T820-XXXW STMICROELECTRONICS-T820-XXXW Datasheet
108Kb / 5P
SNUBBERLESS TRIAC
Sep-2001
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
8 A Snubberless Triac
24-Sep-2012
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
6 A Snubberless™Triac
09-Feb-2010
T1635T-8I STMICROELECTRONICS-T1635T-8I Datasheet
186Kb / 10P
Snubberless 16 A Triac
25-Apr-2012
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
6 A Snubberless™ Triac
June 2010 Rev 2
T635T-8FP STMICROELECTRONICS-T635T-8FP Datasheet
276Kb / 9P
6 A Snubberless™ Triac
January 2015 Rev 2
T635T-8T STMICROELECTRONICS-T635T-8T Datasheet
272Kb / 9P
6 A Snubberless™ Triac
July 2014 Rev 3
T835T-8FP STMICROELECTRONICS-T835T-8FP Datasheet
274Kb / 9P
8 A Snubberless™ Triac
January 2015 Rev 2
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
12 A Snubberless™ Triac
19-Dec-2017
T4050-6PF STMICROELECTRONICS-T4050-6PF Datasheet
218Kb / 11P
40 A Snubberless™ Triac
DS12857 - Rev 1 - December 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com