Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T435T-600FP Datasheet (PDF) - STMicroelectronics

T435T-600FP Datasheet PDF - STMicroelectronics
Part # T435T-600FP
Download  T435T-600FP Download
File Size   150.78 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A Snubberless™ Triac

T435T-600FP Datasheet (PDF)

Go To PDF Page Download Datasheet
T435T-600FP Datasheet PDF - STMicroelectronics

Part # T435T-600FP
Download  T435T-600FP Click to download

File Size   150.78 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A Snubberless™ Triac

T435T-600FP Datasheet (HTML) - STMicroelectronics


T435T-600FP Product details

Features
• High static and dynamic commutation
• Package is RoHS (2002/95/EC) compliant
• IGT = 35 mA
• ECOPACK® 2 compliant component
• Provides UL certified insulation rate at
2.0 kV rms

Description
Available in through-hole package, the Triac
T435T-600FP is suitable for general purpose AC
switching.
Specially designed for power tool applications, it
can also be used to drive loads like motor speed
controller, and kitchen equipment such as electro
valves, light dimmers and similar.




Similar Part No. - T435T-600FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T435 600T STMICROELECTRONICS-T435 600T Datasheet
491Kb / 15P
4 A Triacs
14-Nov-2016
T435-400T STMICROELECTRONICS-T435-400T Datasheet
100Kb / 7P
HIGH PERFORMANCE TRIACS
Mar-1995
T435-600B STMICROELECTRONICS-T435-600B Datasheet
118Kb / 8P
4A TRIACS
Jun-2003
T435-600B STMICROELECTRONICS-T435-600B Datasheet
115Kb / 10P
4A TRIACS
25-Mar-2005
logo
JIEJIE MICROELECTRONICS...
T435-600B JIEJIE-T435-600B Datasheet
662Kb / 6P
4A TRIACs
More results


Similar Description - T435T-600FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T630W STMICROELECTRONICS-T630W_10 Datasheet
85Kb / 8P
6 A Snubberless??Triac
09-Feb-2010
T830-8FP STMICROELECTRONICS-T830-8FP Datasheet
105Kb / 9P
8 A Snubberless Triac
24-Sep-2012
T630-600W STMICROELECTRONICS-T630-600W Datasheet
83Kb / 8P
6 A Snubberless™Triac
09-Feb-2010
BTA06T-600CWRG STMICROELECTRONICS-BTA06T-600CWRG Datasheet
106Kb / 8P
6 A Snubberless™ Triac
June 2010 Rev 2
T635T-8FP STMICROELECTRONICS-T635T-8FP Datasheet
276Kb / 9P
6 A Snubberless™ Triac
January 2015 Rev 2
T1235T-8G STMICROELECTRONICS-T1235T-8G Datasheet
484Kb / 10P
12 A Snubberless™ Triac
19-Dec-2017
T1235T-8I STMICROELECTRONICS-T1235T-8I Datasheet
415Kb / 9P
12 A Snubberless™ Triac
December 2017
T1235T-8R STMICROELECTRONICS-T1235T-8R Datasheet
417Kb / 9P
12 A Snubberless™ Triac
November 2017
T2035T-8G STMICROELECTRONICS-T2035T-8G Datasheet
860Kb / 12P
20 A 800 V D2PAK Snubberless™ Triac
DS12739 - Rev 1 - September 2018
T4050-6PF STMICROELECTRONICS-T4050-6PF Datasheet
218Kb / 11P
40 A Snubberless™ Triac
DS12857 - Rev 1 - December 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com