Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1282 Datasheet (PDF) - Texas Instruments

ADS1282 Datasheet PDF - Texas Instruments
Part # ADS1282
Download  ADS1282 Download
File Size   1210.49 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1282 High-Resolution Analog-To-Digital Converter

ADS1282 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1282 Datasheet PDF - Texas Instruments

Part # ADS1282
Download  ADS1282 Click to download

File Size   1210.49 Kbytes
Page   54 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1282 High-Resolution Analog-To-Digital Converter

ADS1282 Datasheet (HTML) - Texas Instruments


ADS1282 Product details

1 Features
1• High Resolution:
130-dB SNR (250 SPS)
• High Accuracy:
THD: –122 dB
INL: 0.5 ppm
• Low-Noise PGA
• Two-Channel Input Mux
• Inherently-Stable Modulator with Fast Responding
Overrange Detection
• Flexible Digital Filter:
Sinc + FIR + IIR (Selectable)
Linear or Minimum Phase Response
Programmable High-Pass Filter
Selectable FIR Data Rates: 250 SPS to 4 kSPS
• Filter Bypass Option
• Low Power Consumption: 25 mW
Shutdown: 10 μW
• Offset and Gain Calibration Engine
• SYNC Input high•
Analog Supply:
Unipolar (+5 V) or Bipolar (±2.5 V)
• Digital Supply: 1.8 V to 3.3 V

2 Applications
• Energy Exploration
• Seismic Monitoring
• High-Accuracy Instrumentation

3 Description
The ADS1282 is an extremely high-performance,
single-chip analog-to-digital converter (ADC) with an
integrated, low-noise programmable gain amplifier
(PGA) and two-channel input multiplexer (mux). The
ADS1282 is suitable for the demanding needs of
energy exploration and seismic monitoring
environments.
The converter uses a fourth-order, inherently stable,
delta-sigma (ΔΣ) modulator that provides outstanding
noise and linearity performance. The modulator is
used either in conjunction with the on-chip digital filter, or can be bypassed for use with post
processing filters.
The flexible input MUX provides an additional
external input for measurement, as well as internal
self-test connections. The PGA features outstanding
low noise (5 nV/√Hz) and high input impedance,
allowing easy interfacing to geophones and
hydrophones over a wide range of gains.
The digital filter provides selectable data rates from
250 to 4000 samples per second (SPS). The high•
pass filter (HPF) features an adjustable corner
frequency. On-chip gain and offset scaling registers support system calibration.
The synchronization input (SYNC) can be used to
synchronize the conversions of multiple ADS1282s. The SYNC input also accepts a clock input for
continuous alignment of conversions from an external
source.
Together, the amplifier, modulator, and filter dissipate
25 mW. The ADS1282 is available in a compact
TSSOP-28 package and is fully specified from –40°C
to +85°C, with a maximum operating range to
+125°C.




Similar Part No. - ADS1282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282 TI1-ADS1282 Datasheet
1Mb / 43P
LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
ADS1282 TI2-ADS1282 Datasheet
1Mb / 59P
ADS1282-HT High-Temperature High-Resolution Delta Sigma ADC
REVISED FEBRUARY 2016
More results


Similar Description - ADS1282

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
High-Resolution Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
High-Resolution, Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
High-Resolution, Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com