Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1282 Datasheet (PDF) - Texas Instruments

ADS1282 Datasheet PDF - Texas Instruments
Part # ADS1282
Download  ADS1282 Download
File Size   1263.19 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1282-HT High-Temperature High-Resolution Delta Sigma ADC

ADS1282 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1282 Datasheet PDF - Texas Instruments

Part # ADS1282
Download  ADS1282 Click to download

File Size   1263.19 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1282-HT High-Temperature High-Resolution Delta Sigma ADC

ADS1282 Datasheet (HTML) - Texas Instruments


ADS1282 Product details

1 Features
1• High Resolution: 124-dB SNR (1000 SPS)
• High Accuracy: THD: –102 dB
INL: 0.5 ppm
• Low-Noise PGA
• Two-Channel Input MUX
• Inherently-Stable Modulator With Fast Responding
Over-Range Detection
• Flexible Digital Filter:
– Sinc + FIR + IIR (Selectable)
– Linear or Minimum Phase Response
– Programmable High-Pass Filter
– Selectable FIR Data Rates: 250 SPS to 4
kSPS
• Filter Bypass Option
• Low-Power Consumption: 25 mW (210°C)
• Offset and Gain Calibration Engine
• SYNC Input
• Analog Supply: Unipolar (5 V) or Bipolar (±2.5 V)
• Digital Supply: 1.75 to 3.3 V
• Supports Extreme Temperature Applications
– Controlled Baseline
– One Assembly/Test Site
– One Fabrication Site
– Available in Extreme (–55°C to 210°C)
Temperature Range
– Extended Product Life Cycle
– Extended Product-Change Notification
– Product Traceability

2 Applications
• Energy Exploration
• Seismic Monitoring
• High-Accuracy Instrumentation
• Down-Hole Drilling
• High Temperature Environments

3 Description
The ADS1282-HT device is an extremely highperformance,
single-chip analog-to-digital converter
(ADC) with an integrated, low-noise programmable
gain amplifier (PGA) and two-channel input
multiplexer (MUX). The ADS1282-HT device is
suitable for the demanding needs of energy
exploration and seismic monitoring environments.




Similar Part No. - ADS1282

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282 TI1-ADS1282 Datasheet
1Mb / 43P
LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
ADS1282 TI2-ADS1282 Datasheet
1Mb / 54P
ADS1282 High-Resolution Analog-To-Digital Converter
REVISED MARCH 2015
More results


Similar Description - ADS1282

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2440 LINER-LTC2440 Datasheet
301Kb / 28P
24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
logo
New Japan Radio
NJU3610 NJRC-NJU3610 Datasheet
269Kb / 14P
1bit Delta-Sigma Stereo ADC
logo
Analog Devices
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
16-Bit, Sigma-Delta ADC
REV. D
logo
STMicroelectronics
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
IMPLEMENTATION OF SIGMA-DELTA ADC
Rev. 1.0
logo
Texas Instruments
ADS1282-HT TI1-ADS1282-HT_16 Datasheet
1Mb / 59P
High-Temperature High-Resolution Delta Sigma ADC
ADS1282-SP TI1-ADS1282-SP Datasheet
1Mb / 61P
Radiation Tolerant High-Resolution Delta Sigma ADC
logo
Analog Devices
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
Sigma-Delta ADC with PGA
23-Feb-2017
logo
Core Technology (Shenzh...
CS1180 CHIPSEA-CS1180 Datasheet
757Kb / 30P
20-bit Sigma-Delta ADC
CS1231 CHIPSEA-CS1231 Datasheet
674Kb / 21P
24-bit Sigma-Delta ADC
logo
Texas Instruments
ADS1285 TI-ADS1285 Datasheet
740Kb / 7P
ADS1285 High-Resolution, Delta-Sigma ADC for Seismic Applications
MAY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com