Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500 Datasheet (PDF) - Texas Instruments

ADS5500 Datasheet PDF - Texas Instruments
Part # ADS5500
Download  ADS5500 Download
File Size   1236.97 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit 125-MSPS Analog-to-Digital Converter

ADS5500 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS5500 Datasheet PDF - Texas Instruments

Part # ADS5500
Download  ADS5500 Click to download

File Size   1236.97 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-Bit 125-MSPS Analog-to-Digital Converter

ADS5500 Datasheet (HTML) - Texas Instruments


ADS5500 Product details

FEATURES
14-Bit Resolution
125−MSPS Sample Rate
High Signal−to−Noise Ratio (SNR):
70.5 dBFS at 100 MHz fIN (TYP)
High Spurious−Free Dynamic Range (SFDR):
82 dBc at 100−MHz fIN (TYP)
2.3-VPP Differential Input Voltage
Internal Voltage Reference
3.3-V Single-Supply Voltage
Analog Power Dissipation: 578 mW
− Total Power Dissipation: 780 mW
Serial Programming Interface
TQFP-64 PowerPAD Package
One Assembly/Test Site
One Fabrication Site
Available in Military (−55C/125C)
Temperature Range(1)
Extended Product Life Cycle
Extended Product−Change Notification
Product Traceability

APPLICATIONS
Wireless Communication
Test and Measurement Instrumentation
Single and Multichannel Digital Receivers
Communication Instrumentation
− Radar, Infrared
Video and Imaging

SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
Controlled Baseline

DESCRIPTION
The ADS5500 is a high-performance, 14-bit 125−MSPS analog-to-digital converter (ADC). To provide a complete
converter solution, it includes a high-bandwidth linear sample-and-hold stage (S&H) and internal reference. Designed
for applications demanding the highest speed and highest dynamic performance in a small space, the ADS5500 has
excellent power consumption of 780 mW at 3.3-V single-supply voltage. This allows an even higher system
integration density. The provided internal reference simplifies system design requirements. A parallel CMOScompatible
output ensures seamless interfacing with common logic.
The ADS5500 is available in a 64-pin TQFP PowerPAD package and is specified over the full temperature range of
−55°C to 125°C.




Similar Part No. - ADS5500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5500 BURR-BROWN-ADS5500 Datasheet
401Kb / 30P
14-Bit, 80MSPS Analog-to-Digital Converter
ADS5500 BURR-BROWN-ADS5500 Datasheet
274Kb / 20P
12-Bit, 105MSPS Analog-toDigital Converter
ADS5500 BURR-BROWN-ADS5500 Datasheet
861Kb / 29P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5500 BURR-BROWN-ADS5500 Datasheet
995Kb / 30P
11-Bit, 125-MSPS Analog-To-Digital Converter
More results


Similar Description - ADS5500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS5671A TI-THS5671A Datasheet
825Kb / 31P
14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9246 AD-AD9246 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510 Datasheet
861Kb / 29P
11-Bit, 125-MSPS Analog-To-Digital Converter
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9648 AD-AD9648 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
12-Bit, 125 MSPS Analog-To-Digital Converter
logo
Analog Devices
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
logo
Texas Instruments
THS5671A TI1-THS5671A_09 Datasheet
1,019Kb / 33P
14-BIT, 125 MSPS, CommsDAC DIGITAL-to-ANALOG COVERTER
ADC3244E TI1-ADC3244E Datasheet
2Mb / 55P
Dual-channel, 14-bit, 125-MSPS analog-to-digital converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com