Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE4960 Datasheet (PDF) - Texas Instruments

AFE4960 Datasheet PDF - Texas Instruments
Part # AFE4960
Download  AFE4960 Download
File Size   1146.33 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables

AFE4960 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE4960 Datasheet PDF - Texas Instruments

Part # AFE4960
Download  AFE4960 Click to download

File Size   1146.33 Kbytes
Page   9 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables

AFE4960 Datasheet (HTML) - Texas Instruments


AFE4960 Product details

1 Features
• Supports ECG and respiration impedance
measurement; configurable as 2-channel ECG or
1-channel ECG + 1-channel Respiration
• Can be used in IEC 60601-2-47:2012/(R)2016 and
IEC 60601-2-27:2011(R)2016 compliant systems
• 222 μA/channel while operating as 2-channel ECG
• Integrated Pace pulse detection on 1 channel
• Supports a 3-lead ECG, extendable to 5 leads or
higher by operating two or more AFEs in parallel
• ECG signal chain:
– Single channel ECG acquisition up to 2.048
kHz
– 2 channel ECG acquisition up to 1.36 kHz/
channel
– RLD output to set body bias through third
electrode
– Programmable INA gain from 2~12
– >1 GΩ input impedance, CMRR > 100 dB
– Input noise (0.5-150 Hz): 13 μVpp at INA gain
of 3; 5 μVpp at INA gain of 12
– Integrated 370 Hz anti-aliasing low pass filter
– Mode for Continuous lead on/off detection
– Mode for Lead impedance measurement
• Bio-Z signal chain:
– Measurement of Bio-impedance over excitation
frequency from 30 kHz to 100 kHz
– Sine wave or square wave excitation
– Respiration impedance measurement: 45 mΩ-
pp noise on a baseline impedance of 2 kΩ
• Dual channel ECG channel:
– Bio-Z receiver configurable as a 2nd ECG
channel
• External clock and internal oscillator modes
• FIFO with 128-sample Depth, 24-bit word
• SPITM, I2C interfaces: Selectable by pin
• 2.6-mm × 2.6-mm DSBGA, 0.4-mm Pitch
• Supplies: Rx:1.7-1.9 V, IO:1.7-1.9 V

2 Applications
• Wireless patches for in-patient and out-patient
monitoring
• Event monitors for arrhythmia detection
• Hand-held ECG monitor
• Portable multi-lead ECG
• Patient vital sign monitoring: holter, event, stress
and telemedicine

3 Description
The AFE4960 can be configured as either a 2-channel
ECG receiver or as a 1-channel ECG receiver and
a respiration impedance channel. The AFE signal
chains can interface in a flexible manner to up to
4 electrodes. A Right Leg Drive (RLD) amplifier
output, can be used to set the body bias. The AFE
has DC lead biasing for lead on/off detection, and
AC lead biasing for measuring the lead impedance.
Pacemaker pulse detection is supported on one
channel.
All the signal chain outputs are converted by a single
ADC in well-defined time slots and stored as 24-bit
words in a 128-sample FIFO which can be read out
using a SPI or an I2C interface.
The AFE4960 is a fully integrated solution to realize
a 3-lead ECG system. Synchronized operation of two
AFEs in parallel can be used to realize a 5-lead ECG.




Similar Part No. - AFE4960

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4960 TI-AFE4960 Datasheet
935Kb / 12P
AFE4960 Two-Channel ECG, Respiration and Pace pulse detection Analog Front End (AFE) for Clinical Wearables
SBASAE1 ??OCTOBER 2021
AFE4960 TI-AFE4960 Datasheet
1Mb / 10P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End(AFE) for Clinical Wearables
MARCH 2022
AFE4960P TI-AFE4960P Datasheet
697Kb / 11P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables
MAY 2022
AFE4960P TI2-AFE4960P Datasheet
660Kb / 10P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables
MAY 2022
AFE4960PYBGR TI-AFE4960PYBGR Datasheet
697Kb / 11P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables
MAY 2022
More results


Similar Description - AFE4960

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
KeyWave AFE ADSL Analog Front End
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
Two Channel Analog Front End
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
Two-Channel Analog Front End
2010
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
Ultrasound Receive Analog Front End (AFE)
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910 Datasheet
5Mb / 86P
3V Two-Channel Analog Front End
03/25/14
logo
Maxim Integrated Produc...
MAX30001 MAXIM-MAX30001_V01 Datasheet
2Mb / 87P
Ultra-Low-Power, Single-Channel Integrated Biopotential (ECG, R-to-R, and Pace Detection) and Bioimpedance (BioZ) AFE
19-100133; Rev 2; 8/19
logo
Texas Instruments
AFE4960 TI-AFE4960 Datasheet
935Kb / 12P
AFE4960 Two-Channel ECG, Respiration and Pace pulse detection Analog Front End (AFE) for Clinical Wearables
SBASAE1 ??OCTOBER 2021
AFE4960 TI-AFE4960_V01 Datasheet
1Mb / 10P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End(AFE) for Clinical Wearables
MARCH 2022
AFE4960P TI-AFE4960P Datasheet
697Kb / 11P
AFE4960 Two-Channel ECG, Respiration and Pace Pulse Detection Analog Front End (AFE) for Clinical Wearables
MAY 2022
logo
Microchip Technology
MCP3910 MICROCHIP-MCP3910_V01 Datasheet
6Mb / 90P
3V Two-Channel Analog Front End
Revision D January 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com