Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC10 Datasheet (PDF) - Texas Instruments

CD74HC10 Datasheet PDF - Texas Instruments
Part # CD74HC10
Download  CD74HC10 Download
File Size   1203.44 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HC10 Triple 3-Input NAND Gates

CD74HC10 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC10 Datasheet PDF - Texas Instruments

Part # CD74HC10
Download  CD74HC10 Click to download

File Size   1203.44 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDx4HC10 Triple 3-Input NAND Gates

CD74HC10 Datasheet (HTML) - Texas Instruments


CD74HC10 Product details

1 Features
• Buffered inputs
• Wide operating voltage range: 2 V to 6 V
• Wide operating temperature range:
-55°C to +125°C
• Supports fanout up to 10 LSTTL loads
• Significant power reduction compared to LSTTL
logic ICs

2 Applications
• Alarm / tamper detect circuit
• S-R latch

3 Description
This device contains three independent 3-input NAND
gates. Each gate performs the Boolean function
Y = A ● B ● C in positive logic.




Similar Part No. - CD74HC10

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC10 TI-CD74HC10 Datasheet
41Kb / 6P
High Speed CMOS Logic Triple 3-Input NAND Gate
CD74HC10 TI-CD74HC10 Datasheet
265Kb / 10P
High-Speed CMOS Logic Triple 3-Input NAND Gate
CD74HC10 TI-CD74HC10 Datasheet
261Kb / 11P
High-Speed CMOS Logic Triple 3-Input NAND Gate
CD74HC10 TI-CD74HC10 Datasheet
32Kb / 5P
High-Speed CMOS Logic Triple 3-Input NAND Gate
CD74HC10 TI1-CD74HC10 Datasheet
614Kb / 15P
High-Speed CMOS Logic Triple 3-Input NAND Gate
More results


Similar Description - CD74HC10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5410 NSC-5410 Datasheet
93Kb / 4P
Triple 3-Input NAND Gates
54LS10 NSC-54LS10 Datasheet
120Kb / 6P
Triple 3-Input NAND Gates
DM54L10 NSC-DM54L10 Datasheet
82Kb / 4P
Triple 3-Input NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Hitachi Semiconductor
HD74HC10 HITACHI-HD74HC10 Datasheet
39Kb / 7P
Triple 3-input NAND Gates
logo
Texas Instruments
SN54ACT10 TI-SN54ACT10_03 Datasheet
692Kb / 17P
TRIPLE-3-INPUT PSITIVE-NAND GATES
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
Triple 3-Input Positive NAND Gates
HD74HC10 RENESAS-HD74HC10 Datasheet
84Kb / 7P
Triple 3-input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS10 AEROFLEX-UT54ACS10 Datasheet
230Kb / 9P
Triple 3-Input NAND Gates
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com