Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC10 Datasheet (PDF) - Renesas Technology Corp

HD74HC10 Datasheet PDF - Renesas Technology Corp
Part # HD74HC10
Download  HD74HC10 Download
File Size   84.24 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple 3-input NAND Gates

HD74HC10 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD74HC10 Datasheet PDF - Renesas Technology Corp

Part # HD74HC10
Download  HD74HC10 Click to download

File Size   84.24 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple 3-input NAND Gates

HD74HC10 Datasheet (HTML) - Renesas Technology Corp


HD74HC10 Product details

Features

• High Speed Operation: tpd = 10.5 ns typ (CL = 50 pF)

• High Output Current: Fanout of 10 LSTTL Loads

• Wide Operating Voltage: VCC = 2 to 6 V

• Low Input Current: 1 µA max

• Low Quiescent Supply Current: ICC (static) = 1 µA max (Ta = 25°C)



 




Similar Part No. - HD74HC10

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC10 HITACHI-HD74HC10 Datasheet
39Kb / 7P
Triple 3-input NAND Gates
HD74HC107 HITACHI-HD74HC107 Datasheet
57Kb / 9P
Dual J-K Flip-Flops (with Clear)
logo
Renesas Technology Corp
HD74HC107 RENESAS-HD74HC107 Datasheet
106Kb / 8P
Dual J-K Flip-Flops (with Clear)
HD74HC107FPEL RENESAS-HD74HC107FPEL Datasheet
106Kb / 8P
Dual J-K Flip-Flops (with Clear)
HD74HC107FPEL RENESAS-HD74HC107FPEL Datasheet
127Kb / 10P
Dual J-K Flip-Flops (with Clear)
More results


Similar Description - HD74HC10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5410 NSC-5410 Datasheet
93Kb / 4P
Triple 3-Input NAND Gates
54LS10 NSC-54LS10 Datasheet
120Kb / 6P
Triple 3-Input NAND Gates
DM54L10 NSC-DM54L10 Datasheet
82Kb / 4P
Triple 3-Input NAND Gates
logo
Texas Instruments
SN54HC10 TI-SN54HC10 Datasheet
76Kb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Hitachi Semiconductor
HD74HC10 HITACHI-HD74HC10 Datasheet
39Kb / 7P
Triple 3-input NAND Gates
logo
Texas Instruments
SN54ACT10 TI-SN54ACT10_03 Datasheet
692Kb / 17P
TRIPLE-3-INPUT PSITIVE-NAND GATES
SN54ALS10A TI-SN54ALS10A_08 Datasheet
665Kb / 16P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS10 RENESAS-HD74LS10 Datasheet
65Kb / 6P
Triple 3-Input Positive NAND Gates
logo
Potato Semiconductor Co...
PO74G10A POTATO-PO74G10A_14 Datasheet
1Mb / 5P
TRIPLE 3-INPUT POSITIVE-NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS10 AEROFLEX-UT54ACS10 Datasheet
230Kb / 9P
Triple 3-Input NAND Gates
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com