Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19501KCS Datasheet (PDF) - Texas Instruments

CSD19501KCS Datasheet PDF - Texas Instruments
Part # CSD19501KCS
Download  CSD19501KCS Download
File Size   1212.36 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD19501KCS 80V N-Channel NexFET™ Power MOSFET

CSD19501KCS Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD19501KCS Datasheet PDF - Texas Instruments

Part # CSD19501KCS
Download  CSD19501KCS Click to download

File Size   1212.36 Kbytes
Page   13 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD19501KCS 80V N-Channel NexFET™ Power MOSFET

CSD19501KCS Datasheet (HTML) - Texas Instruments


CSD19501KCS Product details

1 Features
• Ultra-low Qg and Qgd
• Low thermal resistance
• Avalanche rated
• Pb free terminal plating
• RoHS compliant
• Halogen free
• TO-220 plastic package

2 Applications
• Secondary side synchronous rectifier
• Motor control

3 Description
This 80V, 5.5mΩ, TO-220 NexFET™ power MOSFET
is designed to minimize losses in power conversion
applications.




Similar Part No. - CSD19501KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19501KCS TI1-CSD19501KCS Datasheet
814Kb / 10P
CSD19501KCS, 80 V N-Channel NexFET Power MOSFETs
logo
Inchange Semiconductor ...
CSD19501KCS ISC-CSD19501KCS Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - CSD19501KCS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD16408Q5 TI-CSD16408Q5 Datasheet
204Kb / 10P
N-Channel NexFET Power MOSFET
CSD16404Q5A TI-CSD16404Q5A Datasheet
511Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16327Q3 TI1-CSD16327Q3 Datasheet
991Kb / 11P
N-Channel NexFET??Power MOSFET
CSD16413Q5A TI1-CSD16413Q5A Datasheet
342Kb / 11P
N-Channel NexFET??Power MOSFET
CSD13201W10 TI1-CSD13201W10 Datasheet
1Mb / 13P
N-Channel NexFET Power MOSFET
CSD19501KCS TI1-CSD19501KCS Datasheet
814Kb / 10P
CSD19501KCS, 80 V N-Channel NexFET Power MOSFETs
CSD19506KCS TI1-CSD19506KCS Datasheet
476Kb / 10P
80V N-Channel NexFET Power MOSFETs
CSD18563Q5A TI1-CSD18563Q5A_16 Datasheet
825Kb / 13P
N-Channel NexFET Power MOSFET
CSD17313Q2Q1 TI1-CSD17313Q2Q1_15 Datasheet
411Kb / 13P
N-Channel NexFET Power MOSFET
CSD19502Q5B TI1-CSD19502Q5B_16 Datasheet
841Kb / 14P
80V N-Channel NexFET Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com