Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD19501KCS Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD19501KCS
Description  CSD19501KCS 80V N-Channel NexFET™ Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD19501KCS Datasheet(HTML) 3 Page - Texas Instruments

  CSD19501KCS Datasheet HTML 1Page - Texas Instruments CSD19501KCS Datasheet HTML 2Page - Texas Instruments CSD19501KCS Datasheet HTML 3Page - Texas Instruments CSD19501KCS Datasheet HTML 4Page - Texas Instruments CSD19501KCS Datasheet HTML 5Page - Texas Instruments CSD19501KCS Datasheet HTML 6Page - Texas Instruments CSD19501KCS Datasheet HTML 7Page - Texas Instruments CSD19501KCS Datasheet HTML 8Page - Texas Instruments CSD19501KCS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
4 Specifications
4.1 Electrical Characteristics
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-Source Voltage
VGS = 0V, ID = 250μA
80
V
IDSS
Drain-to-Source Leakage Current
VGS = 0V, VDS = 64V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250μA
2.2
2.6
3.2
V
RDS(on)
Drain-to-Source On-Resistance
VGS = 6V, ID = 60A
6.2
7.9
mΩ
VGS = 10V, ID = 60A
5.5
6.6
mΩ
gfs
Transconductance
VDS = 8V, ID = 60A
137
S
DYNAMIC CHARACTERISTICS
Ciss
Input Capacitance
VGS = 0V, VDS = 40V, ƒ = 1 MHz
3060
3980
pF
Coss
Output Capacitance
784
1020
pF
Crss
Reverse Transfer Capacitance
12.4
16.1
pF
RG
Series Gate Resistance
1.3
2.6
Ω
Qg
Gate Charge Total (10V)
VDS = 40V, ID = 60A
38
50
nC
Qgd
Gate Charge Gate-to-Drain
5.8
nC
Qgs
Gate Charge Gate-to-Source
12.4
nC
Qg(th)
Gate Charge at Vth
7.5
nC
Qoss
Output Charge
VDS = 40V, VGS = 0V
98
nC
td(on)
Turn On Delay Time
VDS = 50V, VGS = 10V,
IDS = 60A, RG = 0Ω
21
ns
tr
Rise Time
15
ns
td(off)
Turn Off Delay Time
39
ns
tf
Fall Time
5
ns
DIODE CHARACTERISTICS
VSD
Diode Forward Voltage
ISD = 60A, VGS = 0V
0.9
1.1
V
Qrr
Reverse Recovery Charge
VDS= 40V, IF = 60A,
di/dt = 300A/μs
230
nC
trr
Reverse Recovery Time
74
ns
4.2 Thermal Information
(TA = 25°C unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJC
Junction-to-Case Thermal Resistance
0.7
°C/W
RθJA
Junction-to-Ambient Thermal Resistance
62
www.ti.com
CSD19501KCS
SLPS478B – JANUARY 2014 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CSD19501KCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com