Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD83325L Datasheet (PDF) - Texas Instruments

CSD83325L Datasheet PDF - Texas Instruments
Part # CSD83325L
Download  CSD83325L Download
File Size   1145.75 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD83325L 12-V Dual N-Channel NexFET™ Power MOSFET

CSD83325L Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD83325L Datasheet PDF - Texas Instruments

Part # CSD83325L
Download  CSD83325L Click to download

File Size   1145.75 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD83325L 12-V Dual N-Channel NexFET™ Power MOSFET

CSD83325L Datasheet (HTML) - Texas Instruments


CSD83325L Product details

1 Features
• Common drain configuration
• Low-on resistance
• Small footprint of 2.2 mm × 1.15 mm
• Lead free
• RoHS compliant
• Halogen free
• Gate ESD protection

2 Applications
• Battery management
• Battery protection

3 Description
This 12-V, 9.9-mΩ, 2.2-mm × 1.15-mm LGA Dual
NexFET™ power MOSFET is designed to minimize
resistance and gate charge in a small footprint. Its
small footprint and common drain configuration make
the device ideal for battery pack applications in small
handheld devices.




Similar Part No. - CSD83325L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD83325L TI1-CSD83325L Datasheet
639Kb / 11P
12 V Dual N-Channel NexFET??Power MOSFET
CSD83325L TI1-CSD83325L Datasheet
1Mb / 14P
12 V Dual N-Channel NexFET Power MOSFET
CSD83325LT TI1-CSD83325LT Datasheet
1Mb / 14P
12 V Dual N-Channel NexFET Power MOSFET
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
12 V Dual N-Channel NexFET Power MOSFET
More results


Similar Description - CSD83325L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD86311W1723 TI-CSD86311W1723 Datasheet
415Kb / 10P
Dual N-Channel NexFET??Power MOSFET
CSD83325L TI1-CSD83325L Datasheet
639Kb / 11P
12 V Dual N-Channel NexFET??Power MOSFET
CSD13302W TI-CSD13302W_15 Datasheet
1Mb / 15P
CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD23202W10 TI-CSD23202W10_15 Datasheet
1,023Kb / 15P
CSD23202W10 12-V P-Channel NexFET Power MOSFET
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
12 V Dual N-Channel NexFET Power MOSFET
CSD85302L TI1-CSD85302L Datasheet
418Kb / 13P
20 V Dual N-Channel NexFET Power MOSFET
CSD13302W TI1-CSD13302W_16 Datasheet
492Kb / 12P
CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD13306W TI-CSD13306W Datasheet
616Kb / 12P
CSD13306W 12 V N Channel NexFET??Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
12-V P-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
40-V N-Channel NexFET Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com