Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD83325L Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD83325L
Description  CSD83325L 12-V Dual N-Channel NexFET™ Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD83325L Datasheet(HTML) 1 Page - Texas Instruments

  CSD83325L Datasheet HTML 1Page - Texas Instruments CSD83325L Datasheet HTML 2Page - Texas Instruments CSD83325L Datasheet HTML 3Page - Texas Instruments CSD83325L Datasheet HTML 4Page - Texas Instruments CSD83325L Datasheet HTML 5Page - Texas Instruments CSD83325L Datasheet HTML 6Page - Texas Instruments CSD83325L Datasheet HTML 7Page - Texas Instruments CSD83325L Datasheet HTML 8Page - Texas Instruments CSD83325L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CSD83325L 12-V Dual N-Channel NexFET™ Power MOSFET
1 Features
• Common drain configuration
• Low-on resistance
• Small footprint of 2.2 mm × 1.15 mm
• Lead free
• RoHS compliant
• Halogen free
• Gate ESD protection
2 Applications
• Battery management
• Battery protection
3 Description
This 12-V, 9.9-mΩ, 2.2-mm × 1.15-mm LGA Dual
NexFET™ power MOSFET is designed to minimize
resistance and gate charge in a small footprint. Its
small footprint and common drain configuration make
the device ideal for battery pack applications in small
handheld devices.
S1
S2
G1
G2
S1
S2
Top View
Gate 2
Source 2
Gate 1
Source 1
Configuration
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VS1S2
Source-to-Source Voltage
12
V
Qg
Gate Charge Total (4.5 V)
8.4
nC
Qgd
Gate Charge Gate-to-Drain
1.9
nC
RS1S2(on)
Source-to-Source On Resistance
VGS = 2.5 V
17.5
mΩ
VGS = 3.8 V
10.9
mΩ
VGS = 4.5 V
9.9
mΩ
VGS(th)
Threshold Voltage
1.0
V
Device Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD83325L
3000
7-Inch Reel
2.20-mm × 1.15-mm
Land Grid Array (LGA)
Package
Tape
and
Reel
CSD83325LT
250
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
VS1S2
Source-to-Source Voltage
12
V
VGS
Gate-to-Source Voltage
±10
V
IS
Continuous Source Current(1)
8
A
ISM
Pulsed Source Current(2)
52
A
PD
Power Dissipation
2.3
W
V(ESD) Human-Body Model (HBM)
2000
V
TJ,
Tstg
Operating Junction Temperature,
Storage Temperature
–55 to 150
°C
(1)
Device operating at a temperature of 105°C.
(2)
Typical min Cu RθJA = 150°C/W, pulse duration ≤ 100 μs, duty
cycle ≤ 1%.
VGS - Gate-to-Source Voltage (V)
0
1
2
3
4
5
6
7
8
9
10
0
3
6
9
12
15
18
21
24
27
30
D007
TC = 25°C, ID = 5 A
TC = 125°C, ID = 5 A
RDS(on) vs VGS
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
14
16
0
1
2
3
4
5
6
7
8
D004
IS1S2 = 5 A
VS1S2 = 6 V
Gate Charge
CSD83325L
SLPS494C – NOVEMBER 2014 – REVISED NOVEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD83325L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD83325L TI1-CSD83325L Datasheet
639Kb / 11P
12 V Dual N-Channel NexFET??Power MOSFET
CSD83325L TI1-CSD83325L Datasheet
1Mb / 14P
12 V Dual N-Channel NexFET Power MOSFET
CSD83325LT TI1-CSD83325LT Datasheet
1Mb / 14P
12 V Dual N-Channel NexFET Power MOSFET
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
12 V Dual N-Channel NexFET Power MOSFET
More results

Similar Description - CSD83325L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD86311W1723 TI-CSD86311W1723 Datasheet
415Kb / 10P
Dual N-Channel NexFET??Power MOSFET
CSD83325L TI1-CSD83325L Datasheet
639Kb / 11P
12 V Dual N-Channel NexFET??Power MOSFET
CSD13302W TI-CSD13302W_15 Datasheet
1Mb / 15P
CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD23202W10 TI-CSD23202W10_15 Datasheet
1,023Kb / 15P
CSD23202W10 12-V P-Channel NexFET Power MOSFET
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
12 V Dual N-Channel NexFET Power MOSFET
CSD85302L TI1-CSD85302L Datasheet
418Kb / 13P
20 V Dual N-Channel NexFET Power MOSFET
CSD13302W TI1-CSD13302W_16 Datasheet
492Kb / 12P
CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD13306W TI-CSD13306W Datasheet
616Kb / 12P
CSD13306W 12 V N Channel NexFET??Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
12-V P-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
40-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com