Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8261 Datasheet (PDF) - Texas Instruments

LM8261 Datasheet PDF - Texas Instruments
Part # LM8261
Download  LM8261 Download
File Size   1161.47 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output

LM8261 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM8261 Datasheet PDF - Texas Instruments

Part # LM8261
Download  LM8261 Click to download

File Size   1161.47 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output

LM8261 Datasheet (HTML) - Texas Instruments


LM8261 Product details

1 Features
1• Ensured Monotonicity
• Low Power Operation
• Rail-to-Rail Voltage Output
• Power-On Reset to 0 V
• Simultaneous Output Updating
• Wide Power Supply Range: 2.7 V to 5.5 V
• Industry's Smallest Package
• Power-Down Modes
• Key Specifications:
– Resolution: 8 Bits
– INL: ±0.5 LSB (Maximum)
– DNL: 0.18 / –0.13 LSB (Maximum)
– Settling Time: 4.5 μs (Maximum)
– Zero Code Error: 15 mV (Maximum)
– Full-Scale Error: –0.75% FS (Maximum)
– Supply Power:
– Normal: 0.6 mW (3 V) / 1.6 mW (5 V)
(Typical)
– Power Down: 0.3 μW (3 V) / 0.8 μW (5 V)
(Typical)

2 Applications
• Battery-Powered Instruments
• Digital Gain and Offset Adjustment
• Programmable Voltage and Current Sources
• Programmable Attenuators

3 Description
The DAC082S085 device is a full-featured, generalpurpose,
DUAL, 8-bit, voltage-output, digital-to-analog
converter (DAC) that can operate from a single 2.7-V
to 5.5-V supply and consumes 0.6 mW at 3 V and 1.6
mW at 5 V. The DAC082S085 is packaged in 10-pin
SON and VSSOP packages. The 10-pin WSON
package makes the DAC082S085 the smallest DUAL
DAC in its class. The on-chip output amplifier allows
rail-to-rail output swing, and the three-wire serial
interface operates at clock rates up to 40 MHz over
the entire supply voltage range. Competitive devices
are limited to 25-MHz clock rates at supply voltages
in the 2.7 V to 3.6 V range. The serial interface is
compatible with standard SPI™, QSPI, MICROWIRE,
and DSP interfaces.




Similar Part No. - LM8261

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8261 NSC-LM8261 Datasheet
915Kb / 19P
RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
logo
Texas Instruments
LM8261 TI-LM8261 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
LM8261 TI-LM8261 Datasheet
1Mb / 29P
LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
LM8261 TI2-LM8261 Datasheet
1Mb / 35P
DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
REVISED MARCH 2016
LM8261 TI2-LM8261 Datasheet
1Mb / 31P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
REVISED FEBRUARY 2013
More results


Similar Description - LM8261

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 TI1-DAC082S085_16 Datasheet
1Mb / 31P
DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com