Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8261 Datasheet (PDF) - Texas Instruments

LM8261 Datasheet PDF - Texas Instruments
Part # LM8261
Download  LM8261 Download
File Size   1190.91 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output

LM8261 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM8261 Datasheet PDF - Texas Instruments

Part # LM8261
Download  LM8261 Click to download

File Size   1190.91 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output

LM8261 Datasheet (HTML) - Texas Instruments


LM8261 Product details

1FEATURES
23• Guaranteed Monotonicity
• Low Power Operation
• Rail-to-Rail Voltage Output
• Power-on Reset to Zero Volts Output
• SYNC Interrupt Facility
• Wide Power Supply Range (+2.7V to +5.5V)
• Small Packages
• Power Down Feature

APPLICATIONS
• Battery-Powered Instruments
• Digital Gain and Offset Adjustment
• Programmable Voltage & Current Sources
• Programmable Attenuators

DESCRIPTION
The DAC081S101 is a full-featured, general purpose
8-bit voltage-output digital-to-analog converter (DAC)
that can operate from a single +2.7V to 5.5V supply
and consumes just 175 μA of current at 3.6 Volts.
The on-chip output amplifier allows rail-to-rail output
swing and the three wire serial interface operates at clock rates up to 30 MHz over the specified supply
voltage range and is compatible with standard SPI™,
QSPI, MICROWIRE and DSP interfaces. Competitive
devices are limited to 20 MHz clock rates at supply
voltages in the 2.7V to 3.6V range.
The supply voltage for the DAC081S101 serves as its
voltage reference, providing the widest possible output dynamic range. A power-on reset circuit
ensures that the DAC output powers up to zero volts
and remains there until there is a valid write to the
device. A power-down feature reduces power
consumption to less than a microWatt.
The low power consumption and small packages of
the DAC081S101 make it an excellent choice for use
in battery operated equipment.
The DAC081S101 is a direct replacement for the
AD5300 and is one of a family of pin compatible
DACs, including the 10-bit DAC101S101 and the 12-
bit DAC121S101. The DAC081S101 operates over
the extended industrial temperature range of −40°C
to +105°C.




Similar Part No. - LM8261

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8261 NSC-LM8261 Datasheet
915Kb / 19P
RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT23-5
logo
Texas Instruments
LM8261 TI-LM8261 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
LM8261 TI-LM8261 Datasheet
1Mb / 29P
LM8261 Single RRIO, High Output Current & Unlimited Cap Load Op Amp in SOT-23-5
LM8261 TI2-LM8261 Datasheet
1Mb / 35P
DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
REVISED MARCH 2016
LM8261 TI2-LM8261 Datasheet
1Mb / 33P
DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
REVISED JUNE 2016
More results


Similar Description - LM8261

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 TI1-DAC082S085_16 Datasheet
1Mb / 31P
DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com