Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM8261 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM8261
Description  DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8261 Datasheet(HTML) 2 Page - Texas Instruments

  LM8261 Datasheet HTML 1Page - Texas Instruments LM8261 Datasheet HTML 2Page - Texas Instruments LM8261 Datasheet HTML 3Page - Texas Instruments LM8261 Datasheet HTML 4Page - Texas Instruments LM8261 Datasheet HTML 5Page - Texas Instruments LM8261 Datasheet HTML 6Page - Texas Instruments LM8261 Datasheet HTML 7Page - Texas Instruments LM8261 Datasheet HTML 8Page - Texas Instruments LM8261 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
POWER-ON
RESET
DAC
REGISTER
INPUT
CONTROL
LOGIC
8-BIT DAC
8
8
POWER-DOWN
CONTROL
LOGIC
BUFFER
1k
100k
SCLK
DIN
SYNC
REF(+) REF(-)
VA
GND
DAC081S101
VOUT
DIN
SCLK
VA
GND
VOUT
1
2
3
6
5
4
SYNC
1
2
3
4
8
7
6
5
GND
DIN
SCLK
VA
NC
NC
VOUT
SYNC
DAC081S101
SNAS323C – JUNE 2005 – REVISED FEBRUARY 2013
www.ti.com
Pin Configuration
SOT
VSSOP
Block Diagram
Pin Descriptions
SOT-23
VSSOP
Name
Description
Pin No.
Pin No.
VOUT
1
4
DAC Analog Output Voltage.
GND
2
8
Ground reference for all on-chip circuitry.
VA
3
1
Power supply and Reference input. Should be decoupled to GND.
Serial Data Input. Data is clocked into the 16-bit shift register on the falling
DIN
4
7
edges of SCLK after the fall of SYNC.
Serial Clock Input. Data is clocked into the input shift register on the falling
SCLK
5
6
edges of this pin.
Frame synchronization input for the data input. When this pin goes low, it
enables the input shift register and data is transferred on the falling edges
SYNC
6
5
of SCLK. The DAC is updated on the 16th clock cycle unless SYNC is
brought high before the 16th clock, in which case the rising edge of SYNC
acts as an interrupt and the write sequence is ignored by the DAC.
NC
2, 3
No Connect. There is no internal connection to these pins.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DAC081S101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com