Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8844PWPR Datasheet (PDF) - Texas Instruments

DRV8844PWPR Datasheet PDF - Texas Instruments
Part # DRV8844PWPR
Download  DRV8844PWPR Download
File Size   1126.72 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8844 Quad ½-H-Bridge Driver IC

DRV8844PWPR Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8844PWPR Datasheet PDF - Texas Instruments

Part # DRV8844PWPR
Download  DRV8844PWPR Click to download

File Size   1126.72 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8844 Quad ½-H-Bridge Driver IC

DRV8844PWPR Datasheet (HTML) - Texas Instruments


DRV8844PWPR Product details

1 Features
• Quad 1/2-H-Bridge DC Motor Driver
– Can Drive Four Solenoids, Two DC Motors,
One Stepper Motor, or Other Loads
– Full Individual Half Bridge Control
– Low MOSFET On-Resistance
• 2.5-A Maximum Drive Current at 24 V, 25°C
• Floating Input Buffers Allow Dual (Bipolar)
Supplies (up to ±30 V)
• Built-In 3.3-V, 10-mA LDO Regulator
• Industry Standard IN/IN Digital Control Interface
• 8-V to 60-V Operating Supply Voltage Range
• Outputs Can Be Connected in Parallel
• Thermally Enhanced Surface Mount Package

2 Applications
• Textile Machines
• Office Automation Machines
• Gaming Machines
• Factory Automation
• Robotics

3 Description
The DRV8844 provides four individually controllable
1/2-H-bridge drivers. It can be used to drive two DC
motors, one stepper motor, four solenoids, or other
loads. The output driver channel for each channel
consists of N-channel power MOSFET’s configured in
a 1/2-H-bridge configuration.
The DRV8844 can supply up to 2.5-A peak or 1.75-A
RMS output current per channel (with proper PCB
heatsinking at 24 V and 25°C) per H-bridge.
Separate inputs to independently control each 1/2-Hbridge
are provided. To allow operation with split
supplies, the logic inputs and nFAULT output are
referenced to a separate floating ground pin.
Internal shutdown functions are provided for over
current protection, short circuit protection,
undervoltage lockout, and overtemperature.
The DRV8844 is available in a 28-pin HTSSOP
package with PowerPAD™ (Eco-friendly: RoHS & no
Sb/Br).




Similar Part No. - DRV8844PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8844PWPR TI1-DRV8844PWPR Datasheet
705Kb / 17P
QUAD 1/2-H-BRIDGE DRIVER IC
DRV8844PWPR TI2-DRV8844PWPR Datasheet
1Mb / 28P
DRV8844 Quad Half-Bridge Driver IC
REVISED JULY 2025
DRV8844PWPR.A TI2-DRV8844PWPR.A Datasheet
1Mb / 28P
DRV8844 Quad Half-Bridge Driver IC
REVISED JULY 2025
DRV8844PWPR.B TI2-DRV8844PWPR.B Datasheet
1Mb / 28P
DRV8844 Quad Half-Bridge Driver IC
REVISED JULY 2025
DRV8844PWPRG4 TI2-DRV8844PWPRG4 Datasheet
1Mb / 28P
DRV8844 Quad Half-Bridge Driver IC
REVISED JULY 2025
More results


Similar Description - DRV8844PWPR

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16837 NEC-UPD16837 Datasheet
110Kb / 16P
MONOLITHIC QUAD H BRIDGE DRIVER
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
H-Bridge Gate Driver IC
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
H-Bridge Driver IC
2006-01-30
TLE6284G INFINEON-TLE6284G_08 Datasheet
299Kb / 17P
H-Bridge Driver IC
Rev 2.4 2008-03-18
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
H-BRIDGE MOTOR DRIVER IC
DRV8844 TI1-DRV8844 Datasheet
705Kb / 17P
QUAD 1/2-H-BRIDGE DRIVER IC
DRV8844 TI-DRV8844_15 Datasheet
1Mb / 25P
DRV8844 Quad 쩍-H-Bridge Driver IC
logo
Toshiba Semiconductor
TC78H610FNG TOSHIBA-TC78H610FNG Datasheet
651Kb / 16P
DUAL H-BRIDGE DRIVER IC
TC78H611FNG TOSHIBA-TC78H611FNG Datasheet
359Kb / 16P
DUAL H-BRIDGE DRIVER IC
2017-04-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com