Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D02167 Datasheet (PDF) - Premier Farnell Limited.

D02167 Datasheet PDF - Premier Farnell Limited.
Part # D02167
Download  D02167 Download
File Size   141.02 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 6mm Drill and Cut Bits Pack of 3

D02167 Datasheet (PDF)

Go To PDF Page Download Datasheet
D02167 Datasheet PDF - Premier Farnell Limited.

Part # D02167
Download  D02167 Click to download

File Size   141.02 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 6mm Drill and Cut Bits Pack of 3

D02167 Datasheet (HTML) - Premier Farnell Limited.


D02167 Product details

Description:
Three 6mm titanium nitride coated drill and saw bits, which allow you to drill
and saw holes, without the need to change tools.

Features:
• Cuts & drills through plastic, wood and soft metals
• Cross-milled cutting surface for clog-free operation
• Size 6mm




Similar Part No. - D02167

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D02160 DURATOOL-D02160 Datasheet
140Kb / 1P
Bolt Cutter Various Sizes
01/09/14 V1.0
D02161 DURATOOL-D02161 Datasheet
140Kb / 1P
Bolt Cutter Various Sizes
01/09/14 V1.0
D02166 DURATOOL-D02166 Datasheet
232Kb / 1P
Metal Hacksaw
16/05/12 V1.0
More results


Similar Description - D02167

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00471 ETC2-D00471 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
D00469 ETC2-D00469 Datasheet
32Kb / 1P
HSS Jobber Drill Bits
logo
ABCircuits
SIO7 ABCIRCUITS-SIO7 Datasheet
226Kb / 7P
Serial input/output IC for 7 bits of input and 7 bits of output
SIO8 ABCIRCUITS-SIO8 Datasheet
198Kb / 8P
Stand Alone UART IC 8 bits of input and 8 bits of output
SIOA7 ABCIRCUITS-SIOA7 Datasheet
219Kb / 10P
Stand Alone UART IC 7 bits of input and 7 bits of output Expandable and Addressable
logo
KODENSHI_AUK CORP.
SD-112 KODENSHI-SD-112 Datasheet
156Kb / 3P
Visible ray cut of Flat package
logo
Maxim Integrated Produc...
MAX17300GEVKIT MAXIM-MAX17300GEVKIT Datasheet
9Mb / 32P
Lithium battery pack of desired configuration
Rev 3; 2/21
MAX17260GEVKIT MAXIM-MAX17260GEVKIT Datasheet
1Mb / 17P
Lithium battery pack of desired configuration
Rev 0; 5/18
logo
IDEC Corporation
RV8S-S-D24-A120 IDEC-RV8S-S-D24-A120 Datasheet
955Kb / 12P
6mm and 14mm Slim Interface Relay RV8 Series 6mm Width
logo
List of Unclassifed Man...
25960 ETC-25960 Datasheet
3Mb / 2P
VACO STEP DRILL BITS
Rev. 11/22 A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com