Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D02166 Datasheet (PDF) - Premier Farnell Limited.

D02166 Datasheet PDF - Premier Farnell Limited.
Part # D02166
Download  D02166 Download
File Size   232.24 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Metal Hacksaw

D02166 Datasheet (PDF)

Go To PDF Page Download Datasheet
D02166 Datasheet PDF - Premier Farnell Limited.

Part # D02166
Download  D02166 Click to download

File Size   232.24 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Metal Hacksaw

D02166 Datasheet (HTML) - Premier Farnell Limited.


D02166 Product details

Features
• Metal hacksaw frame
• Supplied with a 12″ (300mm) blade

Description
Hacksaw, Metal




Similar Part No. - D02166

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D02160 DURATOOL-D02160 Datasheet
140Kb / 1P
Bolt Cutter Various Sizes
01/09/14 V1.0
D02161 DURATOOL-D02161 Datasheet
140Kb / 1P
Bolt Cutter Various Sizes
01/09/14 V1.0
D02167 DURATOOL-D02167 Datasheet
141Kb / 1P
6mm Drill and Cut Bits Pack of 3
01/09/14 V1.0
More results


Similar Description - D02166

ManufacturerPart #DatasheetDescription
logo
CUI INC
CDM-13008 CUI-CDM-13008 Datasheet
886Kb / 4P
metal frame
CDM-20008 CUI-CDM-20008 Datasheet
1Mb / 4P
metal frame
logo
List of Unclassifed Man...
AA47R ETC2-AA47R Datasheet
24Kb / 1P
305mm (12") Hacksaw Blades
450-6010 ETC2-450-6010 Datasheet
124Kb / 1P
Metal Knob
450-MLN54 ETC2-450-MLN54 Datasheet
187Kb / 1P
Metal Knob
RC-3M ETC2-RC-3M Datasheet
142Kb / 2P
Metal Enclosures
logo
TDK Electronics
VLS252010HBX-1R0M-1 TDK-VLS252010HBX-1R0M-1 Datasheet
124Kb / 9P
Wound Metal
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
ORION FANS
OA180AN ORIONFANS-OA180AN Datasheet
535Kb / 1P
All Metal
OA205AN ORIONFANS-OA205AN Datasheet
421Kb / 1P
All Metal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com