Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5268-1.2YM5 Datasheet (PDF) - Microchip Technology

MIC5268-1.2YM5 Datasheet PDF - Microchip Technology
Part # MIC5268-1.2YM5
Download  MIC5268-1.2YM5 Download
File Size   556.22 Kbytes
Page   8 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 150mA µCap CMOS LDO Regulator w/Power Good

MIC5268-1.2YM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5268-1.2YM5 Datasheet PDF - Microchip Technology

Part # MIC5268-1.2YM5
Download  MIC5268-1.2YM5 Click to download

File Size   556.22 Kbytes
Page   8 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 150mA µCap CMOS LDO Regulator w/Power Good

MIC5268-1.2YM5 Datasheet (HTML) - Microchip Technology


MIC5268-1.2YM5 Product details

General Description
The MIC5268 is an efficient, precise CMOS voltage
regulator with power good output. The MIC5268 offers
better than 3% initial accuracy, and constant ground
current (typically 100µA) over load.
The MIC5268 also works with low-ESR ceramic
capacitors, reducing the amount of board space necessary
for power applications, critical in hand-held wireless
devices.
Key features include current limit, thermal shutdown, a
push-pull output for faster transient response, and an
active clamp to speed up device turnoff. Available in the
IttyBitty™ SOT-23-5 package, the MIC5268 is a fixed 1.2V
regulator.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.

Features
• Power Good indicator
• Load independent, ultra-low ground current: 100µA
• 150mA output current
• Current limiting
• Thermal shutdown
• Tight load and line regulation
• “Zero” off-mode current
• Stability with low-ESR capacitors
• Fast transient response
• TTL-Logic-controlled enable input

Applications
• Processor power-up sequencing
• Laptop, notebook, and palmtop computers
• PCMCIA VCC and VPP regulation/switching




Similar Part No. - MIC5268-1.2YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5268-1.2YM5 MICREL-MIC5268-1.2YM5 Datasheet
556Kb / 8P
150mA 關Cap CMOS LDO Regulator w/Power Good
More results


Similar Description - MIC5268-1.2YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5258 MICREL-MIC5258 Datasheet
70Kb / 12P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5248 MICREL-MIC5248 Datasheet
64Kb / 12P
150mA UCap CMOS LDO Regulator w/Power Good
MIC5268 MICREL-MIC5268 Datasheet
55Kb / 9P
150mA UCap CMOS LDO Regulator w/Power Good
logo
California Micro Device...
CM3102 CALMIRCO-CM3102 Datasheet
236Kb / 9P
Micropower 1.2V/150mA CMOS LDO Regulator with Power Good
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
150mA CMOS LDO Regulator
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
150mA CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5248 MICREL-MIC5248_06 Datasheet
258Kb / 10P
150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5268 MICREL-MIC5268_06 Datasheet
556Kb / 8P
150mA 關Cap CMOS LDO Regulator w/Power Good
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com