Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TXQTR Datasheet (PDF) - STMicroelectronics

STS1TXQTR Datasheet PDF - STMicroelectronics
Part # STS1TXQTR
Download  STS1TXQTR Download
File Size   2090.07 Kbytes
Page   70 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low data-rate, low power sub-1GHz transmitter

STS1TXQTR Datasheet (PDF)

Go To PDF Page Download Datasheet
STS1TXQTR Datasheet PDF - STMicroelectronics

Part # STS1TXQTR
Download  STS1TXQTR Click to download

File Size   2090.07 Kbytes
Page   70 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low data-rate, low power sub-1GHz transmitter

STS1TXQTR Datasheet (HTML) - STMicroelectronics


STS1TXQTR Product details

Features
• Frequency bands: 150-174 MHz, 300-348
MHz, 387-470 MHz, 779-956 MHz
• Modulation schemes: 2-FSK, GFSK, MSK,
GMSK, OOK, and ASK
• Air data rate from 1 to 500 kbps
• Very low power consumption (21 mA TX at +11
dBm)
• Programmable channel spacing (12.5 kHz
min.)
• Programmable output power up to +16 dBm
• Fast startup and frequency synthesizer settling
time (6 µs)
• Integrated temperature sensor
• Battery indicator and low battery detector
• TX FIFO buffer (96 bytes each)
• Configurability via SPI interface
• AES 128-bit encryption co-processor
• Fully integrated ultra low power RC oscillator
• Wakeup on internal timer and on external event
• Flexible packet length with dynamic payload
length
• Automatic CRC handling
• FEC with interleaving
• Whitening of data
• Wireless M-BUS, EN 300 220, FCC CFR47 15
(15.205, 15.209, 15.231, 15.247, 15.249), and
ARIB STD T-67, T93, T-108 compliant
• QFN20 4x4 mm RoHS package
• Operating temperature range from -40 °C to
85 °C

Applications
• AMR (automatic meter reading)
• Home and building automation
• WSN (wireless sensors network)
• Industrial monitoring and control
• Wireless fire and security alarm systems
• Point-to-point wireless link




Similar Part No. - STS1TXQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
Industrial monitoring and control
07-Aug-2013
More results


Similar Description - STS1TXQTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1101 TI-CC1101 Datasheet
979Kb / 94P
Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1150 TI-CC1150_10 Datasheet
1Mb / 66P
Low Power Sub-1 GHz RF Transmitter
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
Low-Cost Low-Power Sub-1GHz RF Transceiver
logo
STMicroelectronics
SPIRIT1 STMICROELECTRONICS-SPIRIT1 Datasheet
866Kb / 94P
Low data rate, low power sub-1GHZ transceiver
05-Oct-2012
logo
Texas Instruments
CC1150 TI-CC1150_13 Datasheet
1Mb / 67P
Low Power Sub-1 GHz RF Transmitter
logo
List of Unclassifed Man...
SPIRIT1QTR ETC2-SPIRIT1QTR Datasheet
2Mb / 101P
Low data rate, low power sub-1GHZ transceiver
logo
Rohm
BP3596 ROHM-BP3596 Datasheet
574Kb / 2P
Low Power Sub-1GHz Radio Module
logo
Holtek Semiconductor In...
BC68F2130 HOLTEK-BC68F2130 Datasheet
8Mb / 148P
Sub-1GHz RF Transmitter Flash MCU
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
Sub-1GHz OOK/FSK Transmitter
logo
List of Unclassifed Man...
RC-CC1310-XXX ETC1-RC-CC1310-XXX Datasheet
1Mb / 7P
Ultra Low Power sub 1GHz Multichannels Radio Transceiver
Rev 1.5
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com