Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet (PDF) - STMicroelectronics

STS1TX Datasheet PDF - STMicroelectronics
Part # STS1TX
Download  STS1TX Download
File Size   2091.11 Kbytes
Page   70 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Industrial monitoring and control

STS1TX Datasheet (PDF)

Go To PDF Page Download Datasheet
STS1TX Datasheet PDF - STMicroelectronics

Part # STS1TX
Download  STS1TX Click to download

File Size   2091.11 Kbytes
Page   70 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Industrial monitoring and control

STS1TX Datasheet (HTML) - STMicroelectronics


STS1TX Product details

Features
■ Frequency bands: 150-174 MHz, 300-348 MHz, 387-470 MHz, 779-956 MHz
■ Modulation schemes: 2-FSK, GFSK, MSK, GMSK, OOK, and ASK
■ Air data rate from 1 to 500 kbps
■ Very low power consumption (21 mA TX at +11 dBm)
■ Programmable channel spacing (12.5 kHz min.)
■ Programmable output power up to +16 dBm
■ Fast startup and frequency synthesizer settling time (6 µs)
■ Integrated temperature sensor
■ Battery indicator and low battery detector
■ TX FIFO buffer (96 bytes each)
■ Configurability via SPI interface
■ AES 128-bit encryption co-processor
■ Fully integrated ultra low power RC oscillator
■ Wakeup on internal timer and on external event
■ Flexible packet length with dynamic payload length
■ Automatic CRC handling
■ FEC with interleaving
■ Whitening of data
■ Wireless M-BUS, EN 300 220, FCC CFR47 15 (15.205, 15.209, 15.231, 15.247, 15.249), and ARIB STD T-67, T93, T-108 compliant
■ QFN20 4x4 mm RoHS package
■ Operating temperature range from -40 °C to 85 °C

Applications
■ AMR (automatic meter reading)
■ Home and building automation
■ WSN (wireless sensors network)
■ Industrial monitoring and control
■ Wireless fire and security alarm systems
■ Point-to-point wireless link QFN20




Similar Part No. - STS1TX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS1TXQTR STMICROELECTRONICS-STS1TXQTR Datasheet
2Mb / 70P
Low data-rate, low power sub-1GHz transmitter
07-Aug-2013
More results


Similar Description - STS1TX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
ANALOG MONITORING AND CONTROL CIRCUIT
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
ANALOG MONITORING AND CONTROL
CC1101RTKR TI-CC1101RTKR Datasheet
2Mb / 105P
Wireless alarm and security systems, Industrial monitoring and control
logo
List of Unclassifed Man...
3UG4622-1AW30 ETC2-3UG4622-1AW30 Datasheet
2Mb / 114P
Monitoring and Control Devices
logo
Texas Instruments
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
ANALOG MONITORING AND CONTROL CIRCUIT
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
ANALOG MONITORING AND CONTROL
logo
Analog Devices
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
Control and monitoring
Rev. C
AD5593R AD-AD5593R Datasheet
986Kb / 34P
Control and monitoring
Rev. B
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
Industrial Monitoring And Control
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
Industrial Monitoring And Control
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com